データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2306 データシート(PDF) 2 Page - Unisonic Technologies

部品番号 UC2306
部品情報  MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2306 データシート(HTML) 2 Page - Unisonic Technologies

  UC2306 Datasheet HTML 1Page - Unisonic Technologies UC2306 Datasheet HTML 2Page - Unisonic Technologies UC2306 Datasheet HTML 3Page - Unisonic Technologies UC2306 Datasheet HTML 4Page - Unisonic Technologies UC2306 Datasheet HTML 5Page - Unisonic Technologies UC2306 Datasheet HTML 6Page - Unisonic Technologies UC2306 Datasheet HTML 7Page - Unisonic Technologies UC2306 Datasheet HTML 8Page - Unisonic Technologies UC2306 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UC2306
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 12
www.unisonic.com.tw
QW-R103-029,B
PIN CONFIGURATION
1
2
3
4
8
7
6
5
LBI
SW
VIN
LBO
GND
I LI M
SHDN
FB(SENSE)
PIN DESCRIPTION
PIN No.
SYMBOL
DESCRIPTION
1
LBI
Input of Low Battery Detector. Detector output is low when voltage on this pin is less
than 1.17V.
2
LBO
Output of Low Battery Detector.
3
VIN
Input Voltage Supply.
4
SW
The Collector Pin of Power NPN.
5
GND
Ground.
6
ILIM
Pin For Current Limit Set. Connected to nothing for 1A peak switch current; and
connect to a resistor to ground will lower peak current
7
SHDN
Input of Shutdown.Held low, then switching regulator is turned off. This Pin should not
be float. When SHDN mode is not used, connect it to VIN
8
FB/SENSE
This pin connects to the resistor divider. In shutdown mode,the divider is disconnected
from it.


同様の部品番号 - UC2306

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
   MICROPOWER DC/DC CONVERTERS
More results

同様の説明 - UC2306

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
logo
Linear Technology
LT1304 LINER-LT1304_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com