データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3842G データシート(PDF) 7 Page - Unisonic Technologies

部品番号 UC3842G
部品情報  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842G データシート(HTML) 7 Page - Unisonic Technologies

  UC3842G Datasheet HTML 1Page - Unisonic Technologies UC3842G Datasheet HTML 2Page - Unisonic Technologies UC3842G Datasheet HTML 3Page - Unisonic Technologies UC3842G Datasheet HTML 4Page - Unisonic Technologies UC3842G Datasheet HTML 5Page - Unisonic Technologies UC3842G Datasheet HTML 6Page - Unisonic Technologies UC3842G Datasheet HTML 7Page - Unisonic Technologies UC3842G Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UC3842G
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R103-036.B
CURRENT SENSE CIRCUIT
5
3
1
2R
R1V
C
Rs
R
Is
Error Amplifier
Current Sense Comparator
Peak current (IS) determined by the formula: ISMAX=1V/Rs. A small RC filter be required to suppress switch
transients
OSCILLATOR AND STANDBY MODE
We can judge the state of output load through the voltage of PIN1. In order to reduce the standby power, it will
reduce the OSC frequency at right load. When VCOMP≤2.2V, the OSC frequency begins to reduce. The normal
frequency is 52KHz, the minimum frequency is 14KHz.
2.2V
1.2V
Standby mode
Minimum frequency :14KHz
Normal
Frequency: 52KHz
Normal
Frequency: 52KHz
VCOMP
Increase
OSC triangle wave


同様の部品番号 - UC3842G

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UC3842G UTC-UC3842G Datasheet
156Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
UC3842G UTC-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
Unisonic Technologies
UC3842G UTC-UC3842G Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
UC3842G-D08-R UTC-UC3842G-D08-R Datasheet
156Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
More results

同様の説明 - UC3842G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com