データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD12CTG データシート(PDF) 1 Page - Semtech Corporation

部品番号 SD12CTG
部品情報  Single Line TVS Diode for ESD Protection in Portable Electronics?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SD12CTG データシート(HTML) 1 Page - Semtech Corporation

  SD12CTG Datasheet HTML 1Page - Semtech Corporation SD12CTG Datasheet HTML 2Page - Semtech Corporation SD12CTG Datasheet HTML 3Page - Semtech Corporation SD12CTG Datasheet HTML 4Page - Semtech Corporation SD12CTG Datasheet HTML 5Page - Semtech Corporation SD12CTG Datasheet HTML 6Page - Semtech Corporation SD12CTG Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SD05C THRU SD24C
Single Line TVS Diode for ESD
Protection in Portable Electronics
Description
Features
Schematic & PIN Configuration
Revision 9/2000
Applications
Mechanical Characteristics
The SDxxC TVS diodes are designed to replace multi-
layer varistors (MLVs) in portable applications such as
cell phones, notebook computers, and PDA’s. They
offer superior electrical characteristics such as lower
clamping voltage and no device degradation when
compared to MLVs. The SDxxC series TVS diodes are
designed to protect sensitive semiconductor compo-
nents from damage or upset due to electrostatic
discharge (ESD) and other voltage induced transient
events.
The SDxxC is in a SOD-323 package and will protect
one bidirectional line. They are available with working
voltages of 5 - 24 volts. These devices will fit on the
same PCB pad area as an 0805 MLV device. They give
the designer the flexibility to protect one line in applica-
tions where arrays are not practical. Additionally, it
may be “sprinkled” around the board in applications
where board space is at a premium.
They may may be used to meet the ESD immunity
requirements of IEC 61000-4-2, Level 4 (15kV air, 8kV
contact discharge).
u 350 Watts peak pulse power (tp = 8/20µs)
u Transient protection for data lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20µs)
u Small package for use in portable electronics
u Suitable replacement for MLV’s in ESD protection
applications
u Protects one I/O or power line
u Low clamping voltage
u Working voltages: 5V, 12V, 15V, 24V
u Low leakage current
u Solid-state silicon avalanche technology
u EIAJ SOD-323 package
u Molding compound flammability rating: UL 94V-0
u Marking : Marking code
u Packaging : Tape and Reel per EIA 481
u Cell Phone Handsets and Accessories
u Microprocessor based equipment
u Personal Digital Assistants (PDA’s)
u Notebooks, Desktops, & Servers
u Portable Instrumentation
u Pagers
u Peripherals
SOD-323 (Top View)
12


同様の部品番号 - SD12CTG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
SD12CT1 ONSEMI-SD12CT1 Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
SD12CT1G ONSEMI-SD12CT1G Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
SD12CT1G ONSEMI-SD12CT1G Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
   Peak Power − 350 W (8 x 20 цs)
More results

同様の説明 - SD12CTG

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05W PANJIT-PJSD05W Datasheet
773Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG12FBUSC KEC-PG12FBUSC_15 Datasheet
540Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com