データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N138 データシート(PDF) 5 Page - Sharp Corporation

部品番号 6N138
部品情報  High Sensitivity, High Speed OPIC Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

6N138 データシート(HTML) 5 Page - Sharp Corporation

  6N138 Datasheet HTML 1Page - Sharp Corporation 6N138 Datasheet HTML 2Page - Sharp Corporation 6N138 Datasheet HTML 3Page - Sharp Corporation 6N138 Datasheet HTML 4Page - Sharp Corporation 6N138 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6N138
IF
90 %
90 %
2V
Pulse
input
Duty ratio
= 1 / 10
10 %
10 %
5V
5V
Input
Output
(saturated)
1.5V
1.5V
VOL
IF
O
VO
tPHL
t
tf
t
Output
Pulse
oscillator
VCC
VO
RL
100
*7 Test Circuit for Rise Time, Fall Time vs. Load Resistance
IF monitor
CL = 15 PF
( 1) It is recommended that a by-pass capacitor of more than 0.01
µ F be added between V
CC
and
GND near the device in order to stabilize power supply line.
( 2) Transistor of detector side in bipolar configuration is apt to be affected by static electricity
for its minute design. When handling them, general counterplan against static electricity
should be taken to avoid breakdown of devices or degradation of characteristics.
s Precautions for Use
PLH
r
(non-saturated)
1
2
3
4
8
7
6
5
( 3) As for other general cautions, refer to the chapter “ Precautions for Use ” .


同様の部品番号 - 6N138

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
6N138 TOSHIBA-6N138 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Vishay Siliconix
6N138 VISHAY-6N138 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
logo
CT Micro International ...
6N138 CTMICRO-6N138 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Lite-On Technology Corp...
6N138 LITEON-6N138 Datasheet
658Kb / 15P
   Property of Lite-On Only
More results

同様の説明 - 6N138

メーカー部品番号データシート部品情報
logo
Sharp Corporation
6N139 SHARP-6N139 Datasheet
68Kb / 5P
   High Sensitivity, High Speed OPIC Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
   Digital Output, High Sensitivity Type OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
   High Speed, High CMR OPIC Photocoupler
PC935 SHARP-PC935 Datasheet
82Kb / 6P
   Digital Output, High Sensitivity Type OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
   Ultra-high Speed Response OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
   High Speed and High CMR OPIC Photocoupler
6N137 SHARP-6N137 Datasheet
67Kb / 5P
   Super High Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
   Ultra-high Speed Response OPIC Photocoupler
PC457L0NIP SHARP-PC457L0NIP Datasheet
49Kb / 5P
   High Speed and High CMR ∗OPIC Photocoupler
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com