データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ14003 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MJ14003
部品情報  High?묬urrent Complementary Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ14003 データシート(HTML) 4 Page - ON Semiconductor

  MJ14003 Datasheet HTML 1Page - ON Semiconductor MJ14003 Datasheet HTML 2Page - ON Semiconductor MJ14003 Datasheet HTML 3Page - ON Semiconductor MJ14003 Datasheet HTML 4Page - ON Semiconductor MJ14003 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJ14001 (PNP), MJ14002* (NPN), MJ14003* (PNP)
http://onsemi.com
4
Figure 9. Turn−On Switching Times
Figure 10. Turn−Off Switching Times
Figure 11. Capacitance Variation
Figure 12. Switching Test Circuit
4.0
IC, COLLECTOR CURRENT (AMPS)
0.04
2.0
1.0
0.3
tr
3.0
0.7
0.1
0.07
5000
3000
10000
2.0
3.0
7.0
100
20
1.0
2000
1000
700
500
300
200
100
5.0
10
50
VR, REVERSE VOLTAGE (VOLTS)
t, TIME (ms)
1.0
0.01
0.02
0.1
2.0
10
100
RqJC(t) = r(t) RqJC
RqJC = 0.584°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
SINGLE PULSE
1000
D = 0.5
0.5
0.2
0.07
DUTY CYCLE, D = t1/t2
Figure 13. Thermal Response
MJ14002 (NPN)
MJ14001, MJ14003 (PNP)
IC, COLLECTOR CURRENT (AMPS)
1.0
2.0
3.0
7.0
5.0
0.5
0.3
1.0
0.2
0.1
0.07
0.05
0.03
0.02
0.01
0.7
0.7
10
20
30
70
50
1.0
2.0
3.0
7.0
5.0
0.7
10
20
30
70
50
0.2
0.5
Cob
7000
30
70
0.02
0.03
0.05
0.7
0.3
0.03
0.05 0.07
1.0
5.0
3.0
2000
200 300 500 700
20 30
50 70
7.0
0.2
0.1
0.5
0.3
0.7
0.05
0.2
MJ14002 (NPN)
MJ14001, MJ14003 (PNP)
MJ14002 (NPN)
MJ14001, MJ14003 (PNP)
td
ts
tf
TJ = 25°C
Cib
Cib
Cob
+2.0 V
0
tr
20 ns
−12 V
10 to 100 ms
DUTY CYCLE ≈ 2.0%
VCC −30 V
TO SCOPE
tr ≤ 20 ns
RL
RB
VCC −30 V
RL
RB
TO SCOPE
tr ≤ 20 ns
VBB
+7.0 V
+10
V
0
−12 V
10 to 100 ms
tr ≤ 20 ns
DUTY CYCLE ≈ 2.0%
FOR CURVES OF FIGURES 3 & 6, RB & RL ARE VARIED.
INPUT LEVELS ARE APPROXIMATELY AS SHOWN.
FOR NPN CIRCUITS, REVERSE ALL POLARITIES.
0.1
0.02
0.01


同様の部品番号 - MJ14003

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ14003 MOTOROLA-MJ14003 Datasheet
241Kb / 6P
   60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
logo
ON Semiconductor
MJ14003 ONSEMI-MJ14003 Datasheet
241Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSITORS
1995 REV 2
logo
Inchange Semiconductor ...
MJ14003 ISC-MJ14003 Datasheet
291Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
MJ14003 NJSEMI-MJ14003 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
More results

同様の説明 - MJ14003

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N5684 ONSEMI-2N5684_06 Datasheet
151Kb / 7P
   High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
MJ11028 ONSEMI-MJ11028_05 Datasheet
68Kb / 4P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
   Complementary Silicon High Power Transistors
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
STMicroelectronics
2N5884 STMICROELECTRONICS-2N5884 Datasheet
68Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
June 1997
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com