データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ14003G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MJ14003G
部品情報  High?묬urrent Complementary Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ14003G データシート(HTML) 2 Page - ON Semiconductor

  MJ14003G Datasheet HTML 1Page - ON Semiconductor MJ14003G Datasheet HTML 2Page - ON Semiconductor MJ14003G Datasheet HTML 3Page - ON Semiconductor MJ14003G Datasheet HTML 4Page - ON Semiconductor MJ14003G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJ14001 (PNP), MJ14002* (NPN), MJ14003* (PNP)
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.584
_C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 200 mAdc, IB = 0)
MJ14001
MJ14002, MJ14003
VCEO(sus)
60
80
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
MJ14001
(VCE = 40 Vdc, IB = 0)
MJ14402, MJ14003
ICEO
1.0
1.0
mA
Collector Cutoff Current
(VCE = 60 Vdc, VBE(off) = 1.5 V)
MJ14001
(VCE = 80 Vdc, VBE(off) = 1.5 V)
MJ14002, MJ14003
ICEX
1.0
1.0
mA
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
MJ14001
(VCB = 80 Vdc, IE = 0)
MJ14002, MJ14003
ICBO
1.0
1.0
mA
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mA
ON CHARACTERISTICS
DC Current Gain (Note 1)
(IC = 25 Adc, VCE = 3.0 V)
(IC = 50 Adc, VCE = 3.0 V)
(IC = 60 Adc, VCE = 3.0 V)
hFE
30
15
5.0
100
Collector−Emitter Saturation Voltage (Note 1)
(IC = 25 Adc, IB = 2.5 Adc)
(IC = 50 Adc, IB = 5.0 Adc)
(IC = 60 Adc, IB = 12 Adc)
VCE(sat)
1.0
2.5
3.0
Vdc
Base−Emitter Saturation Voltage (Note 1)
(IC = 25 Adc, IB = 2.5 Adc)
(IC = 50 Adc, IB = 5.0 Adc)
(IC = 60 Adc, IB = 12 Adc)
VBE(sat)
2.0
3.0
4.0
Vdc
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
2000
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
100
Figure 2. Maximum Rated Forward Biased
Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
1.0
2.0 3.0
5.0 7.0
100
20
3.0
10
20
50
0.5
0.1
dc
1.0 ms
1.0 ms
0.2
0.3
0.7
1.0
2.0
5.0
7.0
10
50
30
70
70
30
WIRE BOND LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
TC = 25°C
5.0 ms
MJ14001
MJ14002, MJ14003
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation: i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 200_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 200_C. TJ(pk) may be calculated from the data in
Figure 13. At high case temperatures, thermal limitations
will reduce the power that can be handled to values less than
the limitations imposed by second breakdown.


同様の部品番号 - MJ14003G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ14003 MOTOROLA-MJ14003 Datasheet
241Kb / 6P
   60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
logo
ON Semiconductor
MJ14003 ONSEMI-MJ14003 Datasheet
241Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSITORS
1995 REV 2
logo
Inchange Semiconductor ...
MJ14003 ISC-MJ14003 Datasheet
291Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
MJ14003 NJSEMI-MJ14003 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
More results

同様の説明 - MJ14003G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N5684 ONSEMI-2N5684_06 Datasheet
151Kb / 7P
   High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
MJ11028 ONSEMI-MJ11028_05 Datasheet
68Kb / 4P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
   Complementary Silicon High Power Transistors
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
STMicroelectronics
2N5884 STMICROELECTRONICS-2N5884 Datasheet
68Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
June 1997
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com