データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJE344 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MJE344
部品情報  Plastic NPN Silicon Medium?뭁ower Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE344 データシート(HTML) 1 Page - ON Semiconductor

  MJE344_06 Datasheet HTML 1Page - ON Semiconductor MJE344_06 Datasheet HTML 2Page - ON Semiconductor MJE344_06 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 2
1
Publication Order Number:
MJE344/D
MJE344
Plastic NPN Silicon
Medium−Power Transistor
This device is useful for medium voltage applications requiring high
fT such as converters and extended range amplifiers.
Features
Pb−Free Package is Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
200
Vdc
Collector−Base Voltage
VCB
200
Vdc
Emitter Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
IC
500
mAdc
Base Current
IB
250
mAdc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
20
0.16
W
mW/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to +150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
qJC
6.25
_C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MJE344
TO−225
500 Units/Box
0.5 AMPERE
POWER TRANSISTORS
NPN SILICON
150−200 VOLTS, 20 WATTS
http://onsemi.com
MJE344G
TO−225
(Pb−Free)
500 Units/Box
TO−225
CASE 77
STYLE 1
2 1
3
MARKING DIAGRAM
YWW
JE344G
Y
= Year
WW
= Work Week
JE344 = Device Code
G
= Pb−Free Package


同様の部品番号 - MJE344_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MJE3440 STMICROELECTRONICS-MJE3440 Datasheet
67Kb / 5P
   SILICON NPN TRANSISTOR
logo
New Jersey Semi-Conduct...
MJE3440 NJSEMI-MJE3440 Datasheet
76Kb / 2P
   SILICON NPN TRANSISTOR
logo
ON Semiconductor
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
   Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
More results

同様の説明 - MJE344_06

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
MJE371 ONSEMI-MJE371 Datasheet
66Kb / 3P
   Plastic Medium?뭁ower PNP Silicon Transistor
February, 2006 ??Rev. 6
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
   Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
BD676 ONSEMI-BD676 Datasheet
59Kb / 4P
   Plastic Medium?뭁ower Silicon PNP Darlingtons
October, 2005 ??Rev. 12
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
2N5302 ONSEMI-2N5302_06 Datasheet
92Kb / 5P
   High?뭁ower NPN Silicon Transistor
March, 2006??Rev. 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com