データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP35B データシート(PDF) 6 Page - ON Semiconductor

部品番号 TIP35B
部品情報  Complementary Silicon High?뭁ower Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP35B データシート(HTML) 6 Page - ON Semiconductor

  TIP35B Datasheet HTML 1Page - ON Semiconductor TIP35B Datasheet HTML 2Page - ON Semiconductor TIP35B Datasheet HTML 3Page - ON Semiconductor TIP35B Datasheet HTML 4Page - ON Semiconductor TIP35B Datasheet HTML 5Page - ON Semiconductor TIP35B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP)
http://onsemi.com
6
PACKAGE DIMENSIONS
SOT−93 (TO−218)
CASE 340D−02
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
A
D
V
G
K
S
L
U
B
Q
E
C
J
H
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
−−−
20.35
−−−
0.801
B
14.70
15.20
0.579
0.598
C
4.70
4.90
0.185
0.193
D
1.10
1.30
0.043
0.051
E
1.17
1.37
0.046
0.054
G
5.40
5.55
0.213
0.219
H
2.00
3.00
0.079
0.118
J
0.50
0.78
0.020
0.031
K
31.00 REF
1.220 REF
L
−−−
16.20
−−−
0.638
Q
4.00
4.10
0.158
0.161
S
17.80
18.20
0.701
0.717
U
4.00 REF
0.157 REF
V
1.75 REF
0.069
12
3
4
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
TIP35A/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


同様の部品番号 - TIP35B

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
TIP35B MOSPEC-TIP35B Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
logo
New Jersey Semi-Conduct...
TIP35B NJSEMI-TIP35B Datasheet
147Kb / 2P
   NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
TIP35B MOTOROLA-TIP35B Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP35B ONSEMI-TIP35B Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP35B POINN-TIP35B Datasheet
93Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

同様の説明 - TIP35B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com