データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

598-8510-207F データシート(PDF) 1 Page - Dialight Corporation

部品番号 598-8510-207F
部品情報  Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Bi-Color Right Angle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALIGHT [Dialight Corporation]
ホームページ  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

598-8510-207F データシート(HTML) 1 Page - Dialight Corporation

  598-8510-207F Datasheet HTML 1Page - Dialight Corporation 598-8510-207F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dialight P/N
Power
Dissipation
Forward
Current
Reverse
Voltage
Operating
Temperature
Range
Storage
Temperature
Range
Peak Pulse
Forward
Current
Electrostatic
Discharge
(mW)
(mA)
(V)
(ºC)
(ºC)
(mA)
(HBM)
598-8510-207F
48
20
5
-40~+100
-40~+100
100
1000
48
20
5
-40~+100
-40~+100
100
1000
598-8520-207F
48
20
5
-40~+100
-40~+100
100
1000
48
20
5
-40~+100
-40~+100
100
1000
598-8530-207F
72
30
5
-40~+85
-40~+100
100
1000
72
30
5
-40~+85
-40~+100
100
1000
598-8540-207F
48
20
5
-40~+100
-40~+100
100
1000
48
20
5
-40~+100
-40~+100
100
1000
598-8550-207F
72
30
5
-30~+85
-30~+100
100
1000
105
30
5
-30~+85
-30~+100
100
1000
598-8560-207F
72
30
5
-30~+85
-30~+100
100
1000
72
30
5
-30~+85
-30~+100
100
1000
598-8570-207F
72
30
5
-40~+85
-40~+100
100
1000
102
30
5
-40~+85
-40~+100
100
1000
598-8580-207F
102
30
5
-30~+85
-30~+100
100
1000
105
30
5
-30~+85
-30~+100
100
1000
FEATURES / BENEFITS
PART NUMBERS
Compatible with automatic placement equipment
RoHS compliant
Packaged in 8mm tape, 7” reel and 20 per strip
Meets EIA-481-1 pkg. std.
Micro LED
® SMD LED
“598 SERIES” 1208 PACKAGE
(3.2mm X 1.5mm X 1.0mm) Bi-Color Right Angle
ABSOLUTE RATINGS (@ Ta = 25ºC)
2
20 pieces on tape
7
7” reel 3000pcs / reel
ORDERING INFORMATION
MDEI5981208BI_A
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
Dialight P/N
EMITTED COLOR MATERIAL LENS COLOR
LUMINOUS
INTENSITY
DOMINANT
WAVELENGTH
FORWARD
VOLTAGE
VIEWING
ANGLE
PINOUT
If = 20 ma
If = 20 ma
If = 20 ma
° DEGREES
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
598-8510-207F
RED
AlInGaP
Water Clear
40
60
80
630
635
645
1.8
2
2.4
160
GREEN
AlInGaP
Water Clear
30
40
50
560
565
570
1.8
2
2.4
160
598-8520-207F
RED-ORANGE
AlInGaP
Water Clear
80
110
150
620
625
630
1.8
2
2.4
160
GREEN
AlInGaP
Water Clear
30
40
50
560
568
570
1.8
2
2.4
160
598-8530-207F
ORANGE
AlInGaP
Water Clear
80
100
150
600
605
610
1.8
2
2.4
160
GREEN
AlInGaP
Water Clear
30
45
60
560
568
570
1.8
2
2.4
160
598-8540-207F
YELLOW
AlInGaP
Water Clear
90
110
150
587
590
592
1.8
2
2.4
160
GREEN
AlInGaP
Water Clear
30
40
60
560
565
570
1.8
2
2.4
160
598-8550-207F
YELLOW
AlInGaP
Water Clear
80
-
100
587
590
592
1.8
2
2.2
160
GREEN
InGaN
Water Clear
90
-
120
520
525
530
2.7
3.2
3.5
160
598-8560-207F
YELLOW
AlInGaP
Water Clear
120
135
150
587
590
592
1.8
2.2
2.4
160
RED
AlInGaP
Water Clear
40
50
60
630
635
645
1.8
2.2
2.4
160
598-8570-207F
RED
AlInGaP
Water Clear
40
60
80
630
635
640
1.8
2.2
2.4
160
SEE EXAMPLE
YELLOW-GREEN
AlInGaP
Water Clear
30
40
50
565
570
575
2.8
3.2
3.4
160
598-8580-207F
BLUE
InGaN
Water Clear
60
70
80
470
473
475
3
3.2
3.4
160
GREEN
InGaN
Water Clear
200
220
240
520
523
525
2.7
3.2
3.5
160
R
G
G
RO
G
O
G
Y
G
Y
Y
R
G
B
Package Outline Drawing:
Notes 1. All dimensions are in mm [inches];
2. Tolerances are ±0.1mm [0.004inch] unless noted.


同様の部品番号 - 598-8510-207F

メーカー部品番号データシート部品情報
logo
Dialight Corporation
598-8510-207F DIALIGHT-598-8510-207F Datasheet
1Mb / 2P
   Micro LED SMD LED 598 SERIES 1208 PACKAGE
More results

同様の説明 - 598-8510-207F

メーカー部品番号データシート部品情報
logo
Dialight Corporation
598-8310-107F DIALIGHT-598-8310-107F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Single Color Right Angle
598-8310-117F DIALIGHT-598-8310-117F Datasheet
430Kb / 2P
   Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Single Color Right Angle
598-8810-307F DIALIGHT-598-8810-307F Datasheet
1Mb / 2P
   Micro LED SMD LED (3.2mm X 1.5mm X 1.0mm) Tri-Color Right Angle
598-8610-207F DIALIGHT-598-8610-207F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 1210 PACKAGE (3.2mm X 2.7mm X 0.7mm) Bi-Color
5988540207F DIALIGHT-5988540207F Datasheet
1Mb / 2P
   Micro LED SMD LED 598 SERIES 1208 PACKAGE
598-8410-207F DIALIGHT-598-8410-207F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 0606 PACKAGE (1.6mm X 1.6mm X 0.7mm) Bi-Color
598-8210-107F DIALIGHT-598-8210-107F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 1206 PACKAGE (3.2mm X 1.6mm X 0.7mm) Single Color Water Clear
598-8010-107F DIALIGHT-598-8010-107F Datasheet
301Kb / 2P
   Micro LED SMD LED '598 SERIES' 0603 PACKAGE (1.6mm X 0.8mm X 0.7mm) Single Color
598-8110-107F DIALIGHT-598-8110-107F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 0805 PACKAGE (2.0mm X 1.25mm X 0.7mm) Single Color
598-8610-307F DIALIGHT-598-8610-307F Datasheet
1Mb / 2P
   Micro LED SMD LED (3.2mm X 2.7mm X 0.7mm) Tri-Color
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com