データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR443A データシート(PDF) 11 Page - Analog Devices

部品番号 ADR443A
部品情報  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR443A データシート(HTML) 11 Page - Analog Devices

Back Button ADR443A Datasheet HTML 7Page - Analog Devices ADR443A Datasheet HTML 8Page - Analog Devices ADR443A Datasheet HTML 9Page - Analog Devices ADR443A Datasheet HTML 10Page - Analog Devices ADR443A Datasheet HTML 11Page - Analog Devices ADR443A Datasheet HTML 12Page - Analog Devices ADR443A Datasheet HTML 13Page - Analog Devices ADR443A Datasheet HTML 14Page - Analog Devices ADR443A Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. E | Page 11 of 20
TEMPERATURE (°C)
50
40
30
20
–30
–40
–20
–10
0
10
–50
–40
5
–10
–25
50
35
20
110
95
80
65
125
ILOAD = 0mA TO +10mA
ILOAD = 0mA TO –5mA
VIN = 6V
Figure 15. ADR445 Load Regulation vs. Temperature
+125°C
–40°C
+25°C
LOAD CURRENT (mA)
0.7
0.6
0.5
0.3
0.2
0.1
0.4
0
–10
–5
0
5
10
Figure 16. ADR441 Minimum Input/Output
Differential Voltage vs. Load Current
TEMPERATURE (°C)
0.5
0.4
0.3
0.2
0.1
0
–40
5
–10
–25
50
35
20
110
95
80
65
125
NO LOAD
Figure 17. ADR441 Minimum Headroom vs. Temperature
LOAD CURRENT (mA)
1.0
0.9
0.8
0.7
0.6
0.5
0.3
0.2
0.1
0.4
0
–5
0
5
10
+125°C
–40°C
+25°C
Figure 18. ADR445 Minimum Input/Output
Differential Voltage vs. Load Current
TEMPERATURE (°C)
0.5
0.4
0.3
0.2
0.1
0
–40
5
–10
–25
50
35
20
110
95
80
65
125
NO LOAD
Figure 19. ADR445 Minimum Headroom vs. Temperature
VOUT = 1V/DIV
VIN = 5V/DIV
TIME = 10µs/DIV
CIN = COUT = 0.1µF
Figure 20. ADR441 Turn-On Response


同様の部品番号 - ADR443A

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR443A AD-ADR443A Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443ARMZ AD-ADR443ARMZ Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443ARMZ-REEL7 AD-ADR443ARMZ-REEL7 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443ARZ AD-ADR443ARZ Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443ARZ-REEL7 AD-ADR443ARZ-REEL7 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
More results

同様の説明 - ADR443A

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443 AD-ADR443_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR444 AD-ADR444_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR430 AD-ADR430 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com