データシートサーチシステム |
|
74LVC1G14W5-7 データシート(PDF) 1 Page - Diodes Incorporated |
|
74LVC1G14W5-7 データシート(HTML) 1 Page - Diodes Incorporated |
1 / 13 page 74LVC1G14 SINGLE SCHMITT-TRIGGER INVERETER 74LVC1G14 Document number: DS35123 Rev. 3 - 2 1 of 13 www.diodes.com July 2011 © Diodes Incorporated Description The 74LVC1G14 is a single 1-input Schmitt-trigger inverter with a standard push-pull output. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down. The gate performs the positive Boolean function: A Y = Pin Assignments Features • Wide Supply Voltage Range from 1.65V to 5.5V • ± 24mA Output Drive at 3.3V • CMOS low power consumption • IOFF Supports Partial-Power-Down Mode Operation • Inputs accept up to 5.5V • ESD Protection Exceeds JESD 22 o 200-V Machine Model (A115-A) o 2000-V Human Body Model (A114-A) • Latch-Up Exceeds 100mA per JESD 78, Class II • Range of Package Options • SOT25, SOT353, DFN1410, and DFN1010: Available in “Green” Molding Compound (no Br, Sb) • Lead Free Finish/ RoHS Compliant (Note 1) Applications • Voltage Level Shifting • General Purpose Logic • Power Down Signal Isolation • Wide array of products such as: o PCs, networking, notebooks, netbooks, PDAs o Computer peripherals, hard drives, CD/DVD ROM o TV, DVD, DVR, set top box o Cell Phones, Personal Navigation / GPS o MP3 players ,Cameras, Video Recorders Notes: 1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html. |
同様の部品番号 - 74LVC1G14W5-7 |
|
同様の説明 - 74LVC1G14W5-7 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |