データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12028_1011 データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL12028_1011
部品情報  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12028_1011 データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL12028_1011 Datasheet HTML 4Page - Intersil Corporation ISL12028_1011 Datasheet HTML 5Page - Intersil Corporation ISL12028_1011 Datasheet HTML 6Page - Intersil Corporation ISL12028_1011 Datasheet HTML 7Page - Intersil Corporation ISL12028_1011 Datasheet HTML 8Page - Intersil Corporation ISL12028_1011 Datasheet HTML 9Page - Intersil Corporation ISL12028_1011 Datasheet HTML 10Page - Intersil Corporation ISL12028_1011 Datasheet HTML 11Page - Intersil Corporation ISL12028_1011 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
FN8233.9
November 30, 2010
Typical Performance Curves
Temperature is +25°C unless otherwise specified.
FIGURE 5. IBAT vs VBAT, SBIB = 0
FIGURE 6. IBAT vs VBAT, SBIB = 1
FIGURE 7. IDD3 vs TEMPERATURE
FIGURE 8. IBAT vs TEMPERATURE
FIGURE 9. IDD3 vs VDD
FIGURE 10.
ΔF
OUT vs ATR SETTING
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.82.3
2.8
3.3
3.84.3
4.85.3
VBAT (V)
SCL, SDA PULL-UPS = 0V
SCL, SDA PULL-UPS = VBAT
BSW = 0 OR 1
BSW = 0 OR 1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VBAT(V)
SCL, SDA PULL-UPS = 0V
BSW = 0 OR 1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-45 -35 -25 -15
-5
5
1525
354555657585
TEMPERATURE (°C)
VDD = 3.3V
VDD = 5.5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-45 -35 -25 -15
-5
5
1525354555657585
TEMPERATURE (°C)
VBAT = 3.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1.82.3
2.83.3
3.84.3
4.8
5.3
VDD (V)
-40
-20
0
20
40
60
80
-32 -28 -24 -20 -16 -12 -8
-4
0
4
8
12 16 20 24 28
ATR SETTING
ISL12028, ISL12028A


同様の部品番号 - ISL12028_1011

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

同様の説明 - ISL12028_1011

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com