データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22346UFRT20Z データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL22346UFRT20Z
部品情報  Quad Digitally Controlled Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346UFRT20Z データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL22346UFRT20Z Datasheet HTML 2Page - Intersil Corporation ISL22346UFRT20Z Datasheet HTML 3Page - Intersil Corporation ISL22346UFRT20Z Datasheet HTML 4Page - Intersil Corporation ISL22346UFRT20Z Datasheet HTML 5Page - Intersil Corporation ISL22346UFRT20Z Datasheet HTML 6Page - Intersil Corporation ISL22346UFRT20Z Datasheet HTML 7Page - Intersil Corporation ISL22346UFRT20Z Datasheet HTML 8Page - Intersil Corporation ISL22346UFRT20Z Datasheet HTML 9Page - Intersil Corporation ISL22346UFRT20Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6177.2
September 3, 2009
VCCRamp VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and I2C Interface
in standby state
3ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T < +55°C
50
Years
tWC
(Note 19)
Non-volatile Write Cycle Time
12
20
ms
SERIAL INTERFACE SPECIFICATIONS
VIL
A2, A1, A0, SHDN, SDA, and SCL
Input Buffer LOW Voltage
-0.3
0.3*VCC
V
VIH
A2, A1, A0, SHDN, SDA, and SCL
Input Buffer HIGH Voltage
0.7*VCC
VCC + 0.3
V
Hysteresis
SDA and SCL Input Buffer Hysteresis
0.05*VCC
V
VOL
SDA Output Buffer LOW Voltage,
Sinking 4mA
00.4
V
Cpin
(Note 20)
A2, A1, A0, SHDN, SDA, and SCL Pin
Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tsp
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec is
suppressed
50
ns
tAA
SCL Falling Edge to SDA Output Data
Valid
SCL falling edge crossing 30% of VCC, until
SDA exits the 30% to 70% of VCC window
900
ns
tBUF
Time the Bus Must be Free Before the
Start of a New Transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC
during the following START condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge; both
crossing 70% of VCC
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VCC
to SCL falling edge crossing 70% of VCC
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of
VCC
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VCC
to SDA entering the 30% to 70% of VCC
window
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of VCC,
to SDA rising edge crossing 30% of VCC
600
ns
tHD:STO
STOP Condition Hold Time for Read,
or Volatile Only Write
From SDA rising edge to SCL falling edge;
both crossing 70% of VCC
1300
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of VCC,
until SDA enters the 30% to 70% of VCC
window
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VCC
20 +
0.1*Cb
250
ns
Operating Specifications Over the recommended operating conditions, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
ISL22346


同様の部品番号 - ISL22346UFRT20Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22346UFRT20Z INTERSIL-ISL22346UFRT20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22346UFRT20Z RENESAS-ISL22346UFRT20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

同様の説明 - ISL22346UFRT20Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com