データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23315UFRUZ-T7A データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL23315UFRUZ-T7A
部品情報  Single, Low Voltage Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315UFRUZ-T7A データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL23315UFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 13Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 14Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ISL23315
11
FN7778.1
August 15, 2011
FIGURE 9. 10k RINL vs TAP POSITION, VCC = 5V
FIGURE 10. 50k RINL vs TAP POSITION, VCC = 5V
FIGURE 11. 10k WIPER RESISTANCE vs TAP POSITION, VCC = 5V
FIGURE 12. 50k WIPER RESISTANCE vs TAP POSITION, VCC = 5V
FIGURE 13. 10k TCv vs TAP POSITION
FIGURE 14. 50k TCv vs TAP POSITION
Typical Performance Curves (Continued)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.30
-0.15
0
0.15
0.30
0
50
100
150
200
250
TAP POSITION (DECIMAL)
0
10
20
30
40
50
60
70
0
50
100
150
200
250
TAP POSITION (DECIMAL)
+125°C
-40°C
+25°C
0
10
20
30
40
50
60
0
50
100
150
200
250
TAP POSITION (DECIMAL)
+125°C
-40°C
+25°C
0
50
100
150
200
250
300
15
65
115
165
215
TAP POSITION (DECIMAL)
0
10
20
30
40
50
60
70
15
65
115
165
215
TAP POSITION (DECIMAL)


同様の部品番号 - ISL23315UFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23315UFRUZ-T7A INTERSIL-ISL23315UFRUZ-T7A Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315UFRUZ-T7A INTERSIL-ISL23315UFRUZ-T7A Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315UFRUZ-T7A RENESAS-ISL23315UFRUZ-T7A Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

同様の説明 - ISL23315UFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com