データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLHS6242TR2PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRLHS6242TR2PBF
部品情報  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLHS6242TR2PBF データシート(HTML) 2 Page - International Rectifier

  IRLHS6242TR2PBF Datasheet HTML 1Page - International Rectifier IRLHS6242TR2PBF Datasheet HTML 2Page - International Rectifier IRLHS6242TR2PBF Datasheet HTML 3Page - International Rectifier IRLHS6242TR2PBF Datasheet HTML 4Page - International Rectifier IRLHS6242TR2PBF Datasheet HTML 5Page - International Rectifier IRLHS6242TR2PBF Datasheet HTML 6Page - International Rectifier IRLHS6242TR2PBF Datasheet HTML 7Page - International Rectifier IRLHS6242TR2PBF Datasheet HTML 8Page - International Rectifier IRLHS6242TR2PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLHS6242PbF
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Package is limited to 12A by die-source to lead-frame bonding technology.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ When mounted on 1 ich square copper board.
… Rθ is measured at TJ of approximately 90°C.
† For DESIGN AID ONLY, not subject to production testing.
‡ Calculated continuous current based on maximum allowable junction temperature.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
6.8
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
9.4
11.7
–––
12.4
15.5
VGS(th)
Gate Threshold Voltage
0.5
0.8
1.1
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-4.2
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
36
–––
–––
S
Qg
Total Gate Charge
h
–––
14
–––
VDS = 10V
Qgs
Gate-to-Source Charge
h
–––
1.5
–––
Qgd
Gate-to-Drain Charge
h
–––
6.3
–––
RG
Gate Resistance
–––
2.1
–––
Ω
td(on)
Turn-On Delay Time
–––
5.8
–––
tr
Rise Time
–––
15
–––
td(off)
Turn-Off Delay Time
–––
19
–––
tf
Fall Time
–––
13
–––
Ciss
Input Capacitance
–––
1110
–––
Coss
Output Capacitance
–––
260
–––
Crss
Reverse Transfer Capacitance
–––
180
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
15
23
ns
Qrr
Reverse Recovery Charge
–––
12
18
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
MOSFET symbol
nA
ns
A
pF
nC
VGS = 4.5V
VGS = 12V
VGS = -12V
–––
–––
88
–––
–––
22
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 8.5A ed
Conditions
See Fig.15
ƒ = 1.0MHz
TJ = 25°C, IF = 8.5Ad, VDD = 10V
di/dt = 210A/μs
TJ = 25°C, IS = 8.5Ad, VGS = 0V e
showing the
integral reverse
p-n junction diode.
RG=1.8
Ω
VDS = 10V, ID = 8.5Ad
VDS = 16V, VGS = 0V, TJ = 125°C
μA
ID = 8.5Ad (See Fig.17 & 18)
ID = 8.5A
VGS = 0V
VDS = 10V
VDS = 16V, VGS = 0V
VDS = VGS, ID = 10μA
VGS = 2.5V, ID = 8.5A ed
m
Ω
VDD = 10V, VGS = 4.5V e
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
g
–––
13
RθJC (Top)
Junction-to-Case
g
–––
94
°C/W
RθJA
Junction-to-Ambient
f
–––
63
RθJA (<10s)
Junction-to-Ambient
f
–––
46


同様の部品番号 - IRLHS6242TR2PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLHS6242 IRF-IRLHS6242 Datasheet
268Kb / 2P
   Small PowIR MOSFETs
IRLHS6242PBF IRF-IRLHS6242PBF Datasheet
246Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLHS6242PBF IRF-IRLHS6242PBF_15 Datasheet
246Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

同様の説明 - IRLHS6242TR2PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com