データシートサーチシステム |
|
IRLHS6342TR2PBF データシート(PDF) 4 Page - International Rectifier |
|
IRLHS6342TR2PBF データシート(HTML) 4 Page - International Rectifier |
4 / 9 page IRLHS6342PbF 4 www.irf.com Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Bottom) Fig 8. Maximum Safe Operating Area Fig 9. Maximum Drain Current vs. Case (Bottom) Temperature Fig 7. Typical Source-Drain Diode Forward Voltage Fig 10. Threshold Voltage vs. Temperature 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 VSD, Source-to-Drain Voltage (V) 1.0 10 100 TJ = 25°C TJ = 150°C VGS = 0V 1E-006 1E-005 0.0001 0.001 0.01 0.1 1 t1 , Rectangular Pulse Duration (sec) 0.01 0.1 1 10 100 0.20 0.10 D = 0.50 0.02 0.01 0.05 SINGLE PULSE ( THERMAL RESPONSE ) Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc -75 -50 -25 0 25 50 75 100 125 150 TJ , Temperature ( °C ) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 ID = 10µA ID = 25µA ID = 250µA ID = 1.0mA ID = 1.0A 25 50 75 100 125 150 TC , Case Temperature (°C) 0 2 4 6 8 10 12 14 16 18 20 Limited By Package 0 1 10 100 VDS, Drain-to-Source Voltage (V) 0.1 1 10 100 1000 OPERATION IN THIS AREA LIMITED BY R DS(on) Tc = 25°C Tj = 150°C Single Pulse 100µsec 1msec 10msec DC Limited by Wire Bond |
同様の部品番号 - IRLHS6342TR2PBF |
|
同様の説明 - IRLHS6342TR2PBF |