データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28213 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL28213
部品情報  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28213 データシート(HTML) 3 Page - Intersil Corporation

  ISL28213 Datasheet HTML 1Page - Intersil Corporation ISL28213 Datasheet HTML 2Page - Intersil Corporation ISL28213 Datasheet HTML 3Page - Intersil Corporation ISL28213 Datasheet HTML 4Page - Intersil Corporation ISL28213 Datasheet HTML 5Page - Intersil Corporation ISL28213 Datasheet HTML 6Page - Intersil Corporation ISL28213 Datasheet HTML 7Page - Intersil Corporation ISL28213 Datasheet HTML 8Page - Intersil Corporation ISL28213 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ISL28113, ISL28213, ISL28413
3
FN6728.5
June 9, 2011
ISL28413
(14 LD TSSOP, 14 LD SOIC)
TOP VIEW
Pin Configurations (Continued)
OUT_A
IN-_A
IN+_A
VS+
IN+_B
IN-_B
OUT_B
OUT_D
IN-_D
IN+_D
VS-
IN+_C
IN-_C
OUT_C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Pin Descriptions
PIN NAME
PIN NUMBER
DESCRIPTION
5 LD
SC-70
5 LD
SOT-23
8 LD MSOP,
8LD SOIC,
8LDSOT-23
14 LD TSSOP,
14 LD SOIC
OUT
OUT_A
OUT_B
OUT_C
OUT_D
41
1
7
1
7
8
14
Output
CIRCUIT 1
VS-
2
2
4
11
Negative supply voltage
CIRCUIT 2
IN+
IN+_A
IN+_B
IN+_C
IN+_D
13
3
5
3
5
10
12
Positive Input
CIRCUIT 3
IN-
IN-_A
IN-_B
IN-_C
IN-_D
34
2
6
2
6
9
13
Negative Input
VS+
5
5
8
4
Positive supply voltage
See “CIRCUIT 2”
V+
V-
OUT
V+
V-
CAPACITIVELY
TRIGGERED
ESD CLAMP
IN+
IN-
V+
V-


同様の部品番号 - ISL28213

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28213 INTERSIL-ISL28213 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28213 INTERSIL-ISL28213 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28213 INTERSIL-ISL28213 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28213 RENESAS-ISL28213 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28213FBZ INTERSIL-ISL28213FBZ Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results

同様の説明 - ISL28213

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com