データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29011 データシート(PDF) 14 Page - Intersil Corporation

部品番号 ISL29011
部品情報  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29011 データシート(HTML) 14 Page - Intersil Corporation

Back Button ISL29011_11 Datasheet HTML 8Page - Intersil Corporation ISL29011_11 Datasheet HTML 9Page - Intersil Corporation ISL29011_11 Datasheet HTML 10Page - Intersil Corporation ISL29011_11 Datasheet HTML 11Page - Intersil Corporation ISL29011_11 Datasheet HTML 12Page - Intersil Corporation ISL29011_11 Datasheet HTML 13Page - Intersil Corporation ISL29011_11 Datasheet HTML 14Page - Intersil Corporation ISL29011_11 Datasheet HTML 15Page - Intersil Corporation ISL29011_11 Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
FN6467.4
May 5, 2011
FIGURE 12. PROXIMITY DETECTIONS OF VARIOUS
BIOLOGICAL OBJECTS
FIGURE 13. OUTPUT CODE FOR 0 LUX vs TEMPERATURE
FIGURE 14. OUTPUT CODE vs TEMPERATURE
FIGURE 15. OUTPUT CURRENT vs TEMPERATURE IN
PROXIMITY SENSING
FIGURE 16. SUPPLY CURRENT vs TEMPERATURE IN ALS SENSING
Typical Performance Curves VSUP (VDDD, VDDA) = 3V, REXT = 499kΩ (Continued)
0
50
100
150
200
250
300
350
0
10
2030
405060
DISTANCE (mm)
12-BIT ADC
RANGE 3
fLED = 328kHz
ILED = 12.5mA
4mm CENTER-TO-CENTER
FOR ISL29011 AND SFH4650,
ISOLATED BY BARRIER
AND BEHIND A 65%
18% GRAY
BLOND HAIR
BRUNETTE HAIR
PIG'S SKIN
IR TRANSMITTING GLASS
130 CTS = 500 CTS x 65% x 65%
= 211 CTS
TEMPERATURE (°C)
0
2
4
6
8
10
-60
-20
20
60
100
ALS SENSING
0 Lux
TEMPERATURE (°C)
0.90
0.95
1.00
1.05
1.10
-60
-20
20
60
100
300 Lux FLUORESCENT LIGHT
ALS SENSING
100.0
100.5
101.0
101.5
102.0
102.5
103.0
103.5
104.0
104.5
105.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
PROXIMITY SENSING
IS<1:0> = 0
60
65
70
75
80
85
90
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
ALS SENSING
10,000 Lux
ISL29011


同様の部品番号 - ISL29011_11

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

同様の説明 - ISL29011_11

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com