データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28207FRTZ データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL28207FRTZ
部品情報  Precision Single, Dual and Quad Low Noise Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28207FRTZ データシート(HTML) 1 Page - Intersil Corporation

  ISL28207FRTZ Datasheet HTML 1Page - Intersil Corporation ISL28207FRTZ Datasheet HTML 2Page - Intersil Corporation ISL28207FRTZ Datasheet HTML 3Page - Intersil Corporation ISL28207FRTZ Datasheet HTML 4Page - Intersil Corporation ISL28207FRTZ Datasheet HTML 5Page - Intersil Corporation ISL28207FRTZ Datasheet HTML 6Page - Intersil Corporation ISL28207FRTZ Datasheet HTML 7Page - Intersil Corporation ISL28207FRTZ Datasheet HTML 8Page - Intersil Corporation ISL28207FRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Precision Single, Dual and Quad Low Noise
Operational Amplifiers
ISL28107, ISL28207, ISL28407
The ISL28107, ISL28207 and ISL28407 are single, dual
and quad amplifiers featuring low noise, low input bias
current, and low offset and temperature drift. This makes
them the ideal choice for applications requiring both high
DC accuracy and AC performance. The combination of
precision, low noise, and small footprint provides the
user with outstanding value and flexibility relative to
similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28107 is available in an 8 Ld SOIC, MSOP and
TDFN package. The ISL28207 is available in the 8 Ld
SOIC and MSOP packages. The ISL28407 will be offered
in an 14 Ld SOIC, TSSOP and 16 Ld QFN packages. All
devices are offered in standard pin configurations and
operate over the extended temperature range to -40°C
to +125°C.
Applications*(see page 26)
• Precision Instruments
• Medical Instrumentation
• Spectral Analysis Equipment
• Active Filter Blocks
• Microphone Pre-amplifier
• Thermocouples and RTD Reference Buffers
• Data Acquisition
• Power Supply Control
Features
• Low Input Offset . . . . . . . . . . . . . . . . 75µV, Max.
• Input Bias Current . . . . . . . . . . . . . . . . . . . .15pA
• Superb Temperature Drift
- Voltage Offset . . . . . . . . . . . . . 0.65µV/°C, Max.
- Input Current . . . . . . . . . . . . . . . 0.9pA/°C, Max
• Outstanding ESD performance
- Human Body Model . . . . . . . . . . . . . . . . . 4.5kV
- Machine Model . . . . . . . . . . . . . . . . . . . . .500V
- Charged Device Model . . . . . . . . . . . . . . . 1.5kV
• Very Low Voltage Noise, 10Hz . . . . . . . . 14nV/√Hz
• Low Current Consumption (per amp). . . . 0.29mA, Max.
• Gain-bandwidth Product . . . . . . . . . . . . . . . 1MHz
• Wide Supply Range. . . . . . . . . . . . . . . 4.5V to 40V
• Operating Temperature Range . . . -40°C to +125°C
• No Phase Reversal
• Pb-Free (RoHS Compliant)
Related Literature*(see page 26)
•See AN1508 “ISL281X7SOICEVAL1Z Evaluation
Board User’s Guide”
•See AN1509 “ISL282X7SOICEVAL2Z Evaluation
Board User’s Guide”
Typical Application
Input Noise Voltage Spectral
Density
-
+
OUTPUT
V+
R1
V-
R2
C1
C2
Sallen-Key Low Pass Filter (1kHz)
VIN
19.1k 48.7k
3.3nF
8.2nF
FREQUENCY (Hz)
10
100
1000
0.1
1
10
100
1k
10k
100k
V+ = ±19V
AV = 1
September 9, 2010
FN6631.3


同様の部品番号 - ISL28207FRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28207FRTZ INTERSIL-ISL28207FRTZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FRTZ INTERSIL-ISL28207FRTZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
logo
Renesas Technology Corp
ISL28207FRTZ RENESAS-ISL28207FRTZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

同様の説明 - ISL28207FRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com