データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL31486E データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL31486E
部品情報  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31486E データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL31486E Datasheet HTML 7Page - Intersil Corporation ISL31486E Datasheet HTML 8Page - Intersil Corporation ISL31486E Datasheet HTML 9Page - Intersil Corporation ISL31486E Datasheet HTML 10Page - Intersil Corporation ISL31486E Datasheet HTML 11Page - Intersil Corporation ISL31486E Datasheet HTML 12Page - Intersil Corporation ISL31486E Datasheet HTML 13Page - Intersil Corporation ISL31486E Datasheet HTML 14Page - Intersil Corporation ISL31486E Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ISL31480E, ISL31483E, ISL31485E, ISL31486E
11
FN7638.2
Receiver Disable from Output
Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8)
(Note 18)
Full
-
-
50
ns
Receiver Disable from Output
High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8)
(Note 18)
Full
-
-
50
ns
Time to Shutdown
tSHDN
(Notes 13, 18)
Full
60
160
600
ns
Receiver Enable from
Shutdown to Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Notes 13, 15, 18)
Full
-
-
2000
ns
Receiver Enable from
Shutdown to Output Low
tZL(SHDN)
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Notes 13, 15, 18)
Full
-
-
2000
ns
NOTES:
8. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
9. Supply current specification is valid for loaded drivers when DE = 0V.
10. Applies to peak current. See “Typical Performance Curves” beginning on page 18 for more information
11. Keep RE = 0 to prevent the device from entering SHDN.
12. The RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN.
13. Transceivers (except on the ISL31485E) are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 60ns, the
parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered shutdown. See
“Low Power Shutdown Mode” on page 16.
14. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
15. Set the RE signal high time >600ns to ensure that the device enters SHDN.
16. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
17. Tested according to TIA/EIA-485-A, Section 4.2.6 (±80V for 15ms at a 1% duty cycle).
18. Does not apply to the ISL31485E. The ISL31485E has no Rx enable function, and thus no SHDN function.
19. See “Caution” statement under the “Recommended Operating Conditions” section on page 8.
Test Circuits and Waveforms
FIGURE 3A. VOD AND VOC
FIGURE 3B. 1B
FIGURE 3. DC DRIVER TEST CIRCUITS
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V, VL = VCC; Unless Otherwise Specified. Typicals are at VCC = 5V,
TA = +25°C (Note 8). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 16)
TYP
MAX
(Note 16)
UNITS
D
DE
DI
VL OR VCC
VOD
VOC
RL/2
RL/2
Z
Y
D
DE
DI
VL OR
VOD
375Ω
375Ω
Z
Y
VCM
VCC
RL/2
RL/2
VOC


同様の部品番号 - ISL31486E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL31486E INTERSIL-ISL31486E Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31486EIBZ INTERSIL-ISL31486EIBZ Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31486EIRTZ INTERSIL-ISL31486EIRTZ Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31486EIUZ INTERSIL-ISL31486EIUZ Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results

同様の説明 - ISL31486E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com