データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54061IRTZ-T データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL54061IRTZ-T
部品情報  Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54061IRTZ-T データシート(HTML) 1 Page - Intersil Corporation

  ISL54061IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54061IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54061IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54061IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54061IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54061IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54061IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54061IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54061IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6580.2
ISL54060, ISL54061
Negative Signal Swing, Sub-ohm, Dual
SPST Single Supply Switch
The Intersil ISL54060 and ISL54061 devices are a low
ON-resistance, low voltage, bi-directional, dual
single-pole/single-throw (SPST) analog switch. It is designed
to operate from a single +1.8V to +6.5V supply and pass
signals that swing down to 6.5V below the positive supply rail.
Targeted applications include battery powered equipment that
benefit from low rON (0.56Ω), low power consumption (8nA)
and fast switching speeds (tON =55ns, tOFF = 18ns). The
digital inputs are 1.8V logic-compatible up to a +3V supply.
The ISL54060, ISL54061 are offered in a small form factor
package, alleviating board space limitations. It is available in a
tiny 10 Ld 1.8 x 1.4mm µTQFN or 10 Ld 3x3mm TDFN
package.
The ISL54060 is a committed dual single-pole/single-throw
(SPST) that consist of two normally open (NO) switches with
independent logic control. The ISL54061 is a committed dual
single-pole/single-throw (SPST) that consist of two normally
closed (NC) switches with independent logic control.
Features
• Pb-Free (RoHS Compliant)
• Negative Signal Swing (Max 6.5V Below V+)
• ON-Resistance (rON)
- V+ = +4.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.52
Ω
- V+ = +4.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.65
Ω
- V+ = +2.7V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9
Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8
Ω
•rON Matching Between Channels . . . . . . . . . . . . . . . . .10mΩ
•rON Flatness Across Signal Range . . . . . . . . . . . . . . . .0.33Ω
• Low THD+N @ 32
Ω Load . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Single Supply Operation. . . . . . . . . . . . . . . . . +1.8V to +6.5V
• Low Power Consumption @ 3V (PD) . . . . . . . . . . . 24nW
• Fast Switching Action (V+ = +4.3V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >6kV
• Guaranteed Break-before-Make
• 1.8V Logic Compatible (+3V supply)
• Low I+ Current when VINH is not at the V+ Rail
• Available in 10 Ld µTQFN 1.8x1.4mm and 10 Ld 3x3mm
TDFN
Applications
• Audio and Video Switching
• Battery powered, Handheld, and Portable Equipment
- MP3 and Multimedia Players
- Cellular/mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
TABLE 1. FEATURES AT A GLANCE
ISL54060
ISL54061
Number of Switches
22
SW
SPST NO
SPST NC
4.3V rON
0.65
Ω
0.65
Ω
4.3V tON/tOFF
43ns/23ns
43ns/23ns
2.7V rON
0.9
Ω
0.9
Ω
2.7V tON/tOFF
55ns/18ns
55ns/18ns
1.8V rON
1.8
Ω
1.8
Ω
1.8V tON/tOFF
145ns/28ns
145ns/28ns
Packages
10 Ld µTQFN, 10 Ld TDFN
VCOM (V)
01
2
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-1
-2
-3
-4
-5
-6
ICOM = 100mA
V+ = 1.8V
V+ = 2.7V
V+ = 4.5V
ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
Data Sheet
November 3, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL54061IRTZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54061IRTZ-T INTERSIL-ISL54061IRTZ-T Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54061IRTZ-T INTERSIL-ISL54061IRTZ-T Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54061IRTZ-T INTERSIL-ISL54061IRTZ-T Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54061IRTZ-T RENESAS-ISL54061IRTZ-T Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
More results

同様の説明 - ISL54061IRTZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54066_0911 INTERSIL-ISL54066_0911 Datasheet
402Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com