データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA6J16A データシート(PDF) 3 Page - Micro Commercial Components

部品番号 SMA6J16A
部品情報  600 Watt Transient Voltage Suppressors 5.0 to 33 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMA6J16A データシート(HTML) 3 Page - Micro Commercial Components

  SMA6J16A Datasheet HTML 1Page - Micro Commercial Components SMA6J16A Datasheet HTML 2Page - Micro Commercial Components SMA6J16A Datasheet HTML 3Page - Micro Commercial Components SMA6J16A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMA6J5.0A thru SMA6J33A
MCC
TM
Micro Commercial Components
Uni-polar
Bi-polar
Min. (V) Max. (V) IT (mA)
Uni
Bi
SMA6J5.0A
6.40
7.00
10
800
5.0
65.2
9.2
KE
SMA6J6.0A
6.67
7.37
10
800
6.0
58.3
10.3
KG
SMA6J9.0A
SMA6J9.0CA
10.0
11.1
1
5.0
9.0
39.0
15.4
KV
TV
MCC
Part Number
Breakdown Voltage
VBR @ IT
Device
Marking
Code
Maximum
Reverse
Surge Current
Ipp(A)
@10x1000us
sinewave
Maximum
Clamping
Voltage
Vc (Volts)
@Ipp
Maximum
Reverse
Leakage
ID(uA)
@VWM
Reverse
Stand-Off
Voltage VWM
(Volts)
Revision: A
2011/03/07
SMA6J10A
SMA6J10CA
11.1
12.3
1
5.0
10
35.3
17.0
KX
TX
SMA6J11A
SMA6J11CA
12.2
13.5
1
5.0
11
33.0
18.2
KZ
TZ
Note:
1. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .
SMA6J12A
SMA6J12CA
13.3
14.7
1
5.0
12
30.2
19.9
LE
UE
SMA6J13A
SMA6J13CA
14.4
15.9
1
5.0
13
27.9
21.5
LG
UG
SMA6J14A
SMA6J14CA
15.6
17.2
1
5.0
14
25.9
23.2
LK
UK
SMA6J15A
SMA6J15CA
16.7
18.5
1
5.0
15
24.6
24.4
LM
UM
SMA6J16A
SMA6J16CA
17.8
19.7
1
5.0
16
23.1
26.0
LP
UP
SMA6J17A
SMA6J17CA
18.9
20.9
1
5.0
17
21.7
27.6
LR
UR
SMA6J18A
20.0
22.1
1
5.0
18
20.5
29.2
LT
SMA6J19A
21.1
23.3
1
5.0
19
19.5
30.8
LB
SMA6J20A
22.2
24.5
1
5.0
20
18.5
32.4
LV
SMA6J22A
24.4
26.9
1
5.0
22
16.9
35.5
LX
SMA6J24A
SMA6J24CA
26.7
29.5
1
5.0
24
15.4
38.9
LZ
UZ
SMA6J26A
28.9
31.9
1
5.0
26
14.3
42.1
ME
SMA6J28CA
31.1
34.4
1
5.0
28
13.2
45.4
WG
SMA6J33A
36.7
40.6
1
5.0
33
11.3
53.3
MM
www.mccsemi.com
3
of 4
2. The items in blue character are still under development.


同様の部品番号 - SMA6J16A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMA6J16A VISHAY-SMA6J16A Datasheet
101Kb / 5P
   Surface Mount Transient Voltage Suppressors
Revision: 30-Oct-08
logo
Taiwan Semiconductor Co...
SMA6J16A TSC-SMA6J16A Datasheet
218Kb / 5P
   Surface Mount Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SMA6J16A SEMITECH-SMA6J16A Datasheet
485Kb / 5P
   Glass passivated junction
logo
SeCoS Halbleitertechnol...
SMA6J16A SECOS-SMA6J16A Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
SMA6J16A SECOS-SMA6J16A Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
More results

同様の説明 - SMA6J16A

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F5.0A MCC-SMA6F5.0A_12 Datasheet
330Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F12A-TP MCC-SMA6F12A-TP Datasheet
330Kb / 5P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
5KP5.0 MCC-5KP5.0 Datasheet
509Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts
5KP250A MCC-5KP250A_15 Datasheet
404Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
5KP5.0 MCC-5KP5.0_11 Datasheet
608Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com