データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54206AIRTZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL54206AIRTZ
部品情報  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206AIRTZ データシート(HTML) 5 Page - Intersil Corporation

  ISL54206AIRTZ Datasheet HTML 1Page - Intersil Corporation ISL54206AIRTZ Datasheet HTML 2Page - Intersil Corporation ISL54206AIRTZ Datasheet HTML 3Page - Intersil Corporation ISL54206AIRTZ Datasheet HTML 4Page - Intersil Corporation ISL54206AIRTZ Datasheet HTML 5Page - Intersil Corporation ISL54206AIRTZ Datasheet HTML 6Page - Intersil Corporation ISL54206AIRTZ Datasheet HTML 7Page - Intersil Corporation ISL54206AIRTZ Datasheet HTML 8Page - Intersil Corporation ISL54206AIRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ISL54206A
5
FN6515.3
October 28, 2010
Discharge Pull-Down
Resistance, RL, RR
VDD = 3.6V, IN = 0V, CTRL = 3.6V, VCOM- or
VCOM+ = -0.85V, 0.85V, VL or VR = -0.85V,
0.85V, VD+ and VD- = floating, Measure current
through the discharge pull-down resistor and
calculate resistance value.
25
-
50
-
USB Switches (D+, D-)
Analog Signal Range,
VANALOG
VDD = 3.6V, IN = 1.4V, CTRL = 1.4V
Full
0
-
VDD
V
ON-Resistance, rON
VDD = 5.0V, IN = VDD, CTRL = VDD, ICOMx = 1mA,
VD+ or VD- = 5V (See Figure 4)
+25
-
17.7
-
Ω
ON-Resistance, rON
VDD = 4.2V, IN = VDD, CTRL = VDD, ICOMx = 1mA,
VD+ or VD- = 4.2V (See Figure 4)
+25
-
19.5
-
Ω
ON-Resistance, rON
VDD = 2.85V, IN = VDD, CTRL = VDD, ICOMx = 1mA,
VD+ or VD- = 2.85V (See Figure 4)
+25
-
26
-
Ω
ON-Resistance, rON
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V, ICOMx = 1mA,
VD+ or VD- = 3.3V (See Figure 4)
+25
-
23.5
30
Ω
Full
-
-
35
Ω
ON-Resistance, rON
VDD = 3.6V, IN = 1.4V, CTRL = 1.4V, ICOMx = 40mA,
VD+ or VD- = 0V to 400mV (See Figure 4)
25
-
4.6
5
Ω
Full
-
-
6.5
Ω
rON Matching Between
Channels, ΔrON
VDD = 3.6V, IN = 1.4V, CTRL = 1.4V, ICOMx = 40mA,
VD+ or VD- = Voltage at max RON over signal range
of 0V to 400mV, (Note 14)
25
-
0.06
0.5
Ω
Full
-
-
0.55
Ω
rON Flatness, RFLAT(ON)
VDD = 3.6V, IN = 1.4V, CTRL = 1.4V,
ICOMx = 40mA, VD+ or VD- = 0V to 400mV,
(Note 13)
25
-
0.4
0.6
Ω
Full
-
-
1.0
Ω
OFF Leakage Current,
ID+(OFF) or ID-(OFF)
VDD = 3.6V, IN = 0V, CTRL = 3.6V, VCOM- or
VCOM+ = 0.5V, 0V, VD+ or VD- = 0V, 0.5V, VL and
VR = float
25
-10
-
10
nA
Full
-70
-
70
nA
ON Leakage Current, IDx VDD = 3.3V, IN = 3.3V, CTRL = 0V or 3.3V, VD+
or VD- = 2.0V, VCOM-,VCOM+, VL and VR = float
25
-30
8
30
nA
Full
-300
-
300
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 1) 25
-
67
-
ns
Turn-OFF Time, tOFF
VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 1) 25
-
48
-
ns
Break-Before-Make Time
Delay, tD
VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 2)
25
-
18
-
ns
Skew, tSKEW
VDD = 3.3V, IN = 3.3V, CTRL = 0V or 3.3V,
RL = 45Ω, CL = 10pF, tR = tF = 750ps at
480Mbps, (Duty Cycle = 50%) (See Figure 7)
25
-
50
-
ps
Total Jitter, tJ
VDD = 3.3V, IN = 3.3V, CTRL = 0V or 3.3V,
RL = 45Ω, CL = 10pF, tR = tF = 750ps at 480Mbps
25
-
210
-
ps
Propagation Delay, tPD
VDD = 3.3V, IN = 3.3V, CTRL = 0V or 3.3V,
RL = 45Ω, CL = 10pF, (See Figure 7)
25
-
250
-
ps
Crosstalk
(Channel-to-Channel),
R to COM-, L to COM+
VDD = 3.3V, IN = 0V, CTRL = 3.3V, RL = 32Ω,
f = 20Hz to 20kHz, VR or VL = 0.707VRMS
(2VP-P), (See Figure 6)
25
-
-110
-
dB
Total Harmonic Distortion f = 20Hz to 20kHz, VDD = 3.0V, IN = 0V, CTRL = 3V,
VL or VR = 0.707VRMS (2VP-P), RL = 32Ω
25
-
0.06
-
%
USB Switch -3dB
Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω, CL = 5pF
25
-
630
-
MHz
D+/D- OFF Capacitance,
CD+(OFF), CD-(OFF)
f = 1MHz, VDD = 3.3V, IN = 0V, CTRL = 3.3V,
VD- or VD+ = VCOMx = 0V, (See Figure 5)
25
-
6
-
pF
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.3V, GND = 0V, VINH = 1.4V,
VINL = 0.5V, VCTRLH = 1.4V, VCTRLL = 0.5V, (Note 11), unless
otherwise specified. Boldface limits apply over the operating
temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 15) TYP
MAX
(Notes 12, 15) UNITS


同様の部品番号 - ISL54206AIRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54206AIRTZ INTERSIL-ISL54206AIRTZ Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206AIRTZ INTERSIL-ISL54206AIRTZ Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206AIRTZ RENESAS-ISL54206AIRTZ Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206AIRTZ-T INTERSIL-ISL54206AIRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206AIRTZ-T INTERSIL-ISL54206AIRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

同様の説明 - ISL54206AIRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com