データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54206AEVAL1Z データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL54206AEVAL1Z
部品情報  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206AEVAL1Z データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL54206AEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL54206A
7
FN6515.3
October 28, 2010
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the
opposite logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. BREAK-BEFORE-MAKE TIME
FIGURE 3. AUDIO RON TEST CIRCUIT
FIGURE 4. USB RON TEST CIRCUIT
50%
tr <20ns
tf <20ns
tOFF
90%
VDD
0V
VINPUT
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(INPUT)
R
L
R
L
r
ON
+
------------------------
=
SWITCH
INPUT
VIN
VOUT
RL
CL
COMx
AUDIO or USB
IN
50Ω
10pF
GND
VDD
C
CTRL
VINPUT
90%
VDD
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
VIN
IN
COMx
RL
CL
VOUT
10pF
50Ω
D- or D+
L or R
VDD
GND
VINPUT
C
CTRL
VDD
C
0V
L OR R
COMx
IN
GND
VL OR R
V1
RON = V1/100mA
100mA
Repeat test for all switches.
CTRL
VDD
C
VDD
D- OR D+
COMx
IN
GND
VD- OR D+
V1
RON = V1/40mA
40mA
Repeat test for all switches.
CTRL


同様の部品番号 - ISL54206AEVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54206AEVAL1Z INTERSIL-ISL54206AEVAL1Z Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206AEVAL1Z RENESAS-ISL54206AEVAL1Z Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

同様の説明 - ISL54206AEVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com