データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54222AIRU1Z-T データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL54222AIRU1Z-T
部品情報  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222AIRU1Z-T データシート(HTML) 1 Page - Intersil Corporation

  ISL54222AIRU1Z-T Datasheet HTML 1Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 2Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 3Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 4Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 5Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 6Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 7Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 8Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A
The Intersil ISL54222A is a single supply dual 2:1
multiplexer that can operate from a single 1.8V to 3.3V
supply. It contains two SPDT (Single Pole/Double
Throw) switches configured as a DPDT. The part was
designed for switching or routing of USB High-Speed
signals and/or USB Full-speed signals in portable
battery powered products.
The 4.4Ω switches can swing rail-to-rail and were
specifically designed to pass USB full speed data signals
that range from 0V to 3.3V and USB high-speed data
signals that range from 0V to 400mV with a single
supply as low as 1.8V. They have high bandwidth and
low capacitance to pass USB high speed data signals
with minimal distortion.
The digital logic inputs are 1.8V logic compatible when
operated with a 1.8V to 3.3V supply. The ISL54222A
has an output enable pin to open all the switches and
put the part in a low power state.
The ISL54222A is available in 10 Ld 1.8mmx1.4mm
µTQFN, 10 Ld 2.1mmx1.6mm µTQFN, 10 Ld TDFN and
10 Ld MSOP packages. It operates over a temperature
range of -40° to +85°C.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN1450 “ISL54222AIRUEVAL1Z
Evaluation Board User’s Manual”
Features
• High-Speed (480Mbps) and Full-Speed (12Mbps)
Signaling Capability per USB 2.0
• 1.8V Logic Compatible
• Low Power All Off State
• Power OFF Protection
• D-/D+ Pins Overvoltage Tolerant to 5.5V
• -3dB Frequency . . . . . . . . . . . . . . . . . . 780MHz
• Low ON Capacitance @ 240MHz . . . . . . . . . 4.2pF
• Low ON-Resistance @ VDD = 3V . . . . . . . . 4.4Ω
• Low ON-Resistance @ VDD = 1.8V . . . . . . . 5.7Ω
• Single Supply Operation (VDD) . . . . . 1.8V to 3.3V
• Available in µTQFN, TDFN, MSOP Packages
• Pb-Free (RoHS Compliant)
• Compliant with USB 2.0 Short Circuit and
Overvoltage Requirements Without Additional
External Components
• HBM ESD Performance I/O to GND . . . . . . >12kV
Applications*(see page 15)
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• Digital Cameras and Camcorders
• USB Switching
Application Block Diagram
USB 2.0 HS Eye Pattern With
Switches In The Signal Path
ISL54222A
USB
TRANSCEIVER
HIGH-SPEED
D-
D+
SEL
GND
HSD1-
HSD1+
HSD2-
HSD2+
VDD
OE
LOGIC
µCONTROLLER
USB
TRANSCEIVER
FULL-SPEED
VBUS
D-
D+
GND
OR
FULL-SPEED
HIGH_SPEED
OR
PORTABLE MEDIA DEVICE
TIME SCALE (0.2ns/DIV)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
February 4, 2010
FN6902.1


同様の部品番号 - ISL54222AIRU1Z-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54222AIRU1Z-T INTERSIL-ISL54222AIRU1Z-T Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54222AIRU1Z-T RENESAS-ISL54222AIRU1Z-T Datasheet
1Mb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

同様の説明 - ISL54222AIRU1Z-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com