データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA3259HFP データシート(PDF) 4 Page - Rohm

部品番号 BA3259HFP
部品情報  Secondary Dual-Output (Fixed/Variable) LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA3259HFP データシート(HTML) 4 Page - Rohm

  BA3259HFP Datasheet HTML 1Page - Rohm BA3259HFP Datasheet HTML 2Page - Rohm BA3259HFP Datasheet HTML 3Page - Rohm BA3259HFP Datasheet HTML 4Page - Rohm BA3259HFP Datasheet HTML 5Page - Rohm BA3259HFP Datasheet HTML 6Page - Rohm BA3259HFP Datasheet HTML 7Page - Rohm BA3259HFP Datasheet HTML 8Page - Rohm BA3259HFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Technical Note
4/10
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA3259HFP,BA30E00WHFP
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT CURRENT:Io2[A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.2
0.4
0.6
0.8
1.0
OUTPUT CURRENT:Io1[A]
0
10
20
30
40
50
60
70
80
10
100
1000
10000
FREQUENCY:f[Hz]
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
-30 -150
1530
4560
75
TEMPERATURE:Ta[℃]
1.490
1.492
1.494
1.496
1.498
1.500
1.502
1.504
1.506
-30 -150
1530
4560
75
TEMPERATURE:Ta[℃]
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-30 -15
0
1530
456075
TEMPERATURE:Ta[℃]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
02
4
6
8
10
12
14
SUPPLY VOLTAGE:Vcc[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2
4
6
8
101214
SUPPLY VOLTAGE:Vcc[V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
02
46
8
10
12
14
SUPPLY VOLTAGE:Vcc[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT CURRENT:Io1[A]
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
OUTPUT CURRENT:Io1[A]
10
20
30
40
50
60
5
6
7
8
9
101112 13 14
SUPPLY VOLTAGE:Vcc[V]
BA3259HFP Electrical Characteristics Curves (Unless otherwise specified, Ta=25℃, Vcc=5 V)
Fig. 4 Input Stability
(3.3 V output with no load)
Fig. 5 Input Stability
(Variable output with no load)
Fig.1 Circuit Current (with no load)
Fig. 6 Load Stability
(3.3 V output)
Fig. 7 Load Stability
(Variable output: 1.5 V)
Fig. 8 I/O Voltage Difference (3.3 V output)
(3.3 V output, Io1=0 A
 1 A)
Fig.9 R.R.
Fig. 10 Output Voltage vs Temperature
(3.3 V output)
Fig. 11 Output Voltage vs Temperature
(Variable output: 1.5 V)
R.R.(Variable output :1.5 V)
R.R.(3.3 V output)
Fig. 12 Circuit Current vs Temperature
Fig.2 Circuit Current vs Load Current Io
Fig.3 ADJ Pin Outflow Current


同様の部品番号 - BA3259HFP

メーカー部品番号データシート部品情報
logo
Rohm
BA3259HFP ROHM-BA3259HFP Datasheet
191Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3259HFP ROHM-BA3259HFP Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP-TR ROHM-BA3259HFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
More results

同様の説明 - BA3259HFP

メーカー部品番号データシート部品情報
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com