データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAJ6DD0WT データシート(PDF) 11 Page - Rohm

部品番号 BAJ6DD0WT
部品情報  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BAJ6DD0WT データシート(HTML) 11 Page - Rohm

Back Button BAJ6DD0WT Datasheet HTML 4Page - Rohm BAJ6DD0WT Datasheet HTML 5Page - Rohm BAJ6DD0WT Datasheet HTML 6Page - Rohm BAJ6DD0WT Datasheet HTML 7Page - Rohm BAJ6DD0WT Datasheet HTML 8Page - Rohm BAJ6DD0WT Datasheet HTML 9Page - Rohm BAJ6DD0WT Datasheet HTML 10Page - Rohm BAJ6DD0WT Datasheet HTML 11Page - Rohm BAJ6DD0WT Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Technical Note
11/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
(Unit : mm)
TO220FP-3
23
1
φ3.2±0.1
0.55
2.54
±0.5
0.8
2.54
±0.5
1.3
−0.1
+0.3
10.0
7.0
−0.1
+0.3
2.6
±0.5
−0.05
+0.1
+0.2
−0.1
−0.1
+0.3
4.5
2.8
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Tube
Container
Quantity
Direction of feed
500pcs
Direction of products is fixed in a container tube
(Unit : mm)
TO220FP-5
7.0
10.0
2.8
4.5
1.778
0.5
±0.1
1.2
0.8
φ3.2±0.1
+0.3
−0.1
−0.1
+0.2
+0.3
−0.1
+0.3
−0.1
2345
1
2.85
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Tube
Container
Quantity
Direction of feed
500pcs
Direction of products is fixed in a container tube


同様の部品番号 - BAJ6DD0WT

メーカー部品番号データシート部品情報
logo
Rohm
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
402Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

同様の説明 - BAJ6DD0WT

メーカー部品番号データシート部品情報
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com