データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6219BFP-Y データシート(PDF) 10 Page - Rohm

部品番号 BA6219BFP-Y
部品情報  2.0A or More Reversible Motor Drivers (Single Motor)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA6219BFP-Y データシート(HTML) 10 Page - Rohm

Back Button BA6219BFP-Y Datasheet HTML 3Page - Rohm BA6219BFP-Y Datasheet HTML 4Page - Rohm BA6219BFP-Y Datasheet HTML 5Page - Rohm BA6219BFP-Y Datasheet HTML 6Page - Rohm BA6219BFP-Y Datasheet HTML 7Page - Rohm BA6219BFP-Y Datasheet HTML 8Page - Rohm BA6219BFP-Y Datasheet HTML 9Page - Rohm BA6219BFP-Y Datasheet HTML 10Page - Rohm BA6219BFP-Y Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Technical Note
10/10
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA6219BFP-Y,BA6222
Ordering part number
B
A
6
2
1
9
B
F
P
-
Y
E
2
Part No.
Part No.
6219B
6222
Package
FP-Y: HSOP25
None: HSIP10
Packaging and forming specification
E2: Embossed tape and reel
None: Tube
(Unit : mm)
HSOP25
2.75
± 0.1
1.95
± 0.1
25
14
1
13
0.36
± 0.1
12.0
± 0.2
0.25
± 0.1
13.6
± 0.2
0.8
(MAX 13.95 include BURR)
S
0.1
S
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
HSIP10
0.6
0.8
1.3
26.5
±0.3
1
2.54
25
±0.2
R1.6
10
0.5
±0.1
3.6
±0.2
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Tube
Container
Quantity
Direction of feed
500pcs
Direction of products is fixed in a container tube


同様の部品番号 - BA6219BFP-Y

メーカー部品番号データシート部品情報
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
108Kb / 7P
   Reversible motor driver
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
   Motor driver with DC brush
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
637Kb / 9P
   DC Brush Motor Driver for Paper Feed or Carriage Use
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
More results

同様の説明 - BA6219BFP-Y

メーカー部品番号データシート部品情報
logo
Rohm
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BA6950FS ROHM-BA6950FS_10 Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com