データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6238A データシート(PDF) 2 Page - Rohm

部品番号 BA6238A
部品情報  1.0A or More Reversible Motor Drivers (2 Motors)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA6238A データシート(HTML) 2 Page - Rohm

  BA6238A Datasheet HTML 1Page - Rohm BA6238A Datasheet HTML 2Page - Rohm BA6238A Datasheet HTML 3Page - Rohm BA6238A Datasheet HTML 4Page - Rohm BA6238A Datasheet HTML 5Page - Rohm BA6238A Datasheet HTML 6Page - Rohm BA6238A Datasheet HTML 7Page - Rohm BA6238A Datasheet HTML 8Page - Rohm BA6238A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical Note
2/11
BA6247FP-Y,BA6238A
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristics (BA6247FP-Y, unless otherwise specified, Ta=25℃ and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
10
20
mA
IN1, IN2, IN3=L
Input threshold voltage H
VIH
3.5
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10
10.5
-
V
IO=0.5A, VR=OPEN
Output voltage L
VOL
-
0.9
1.5
V
IO=0.5A
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, VCC2 current
Output offset voltage
VOFS
-0.5
0
0.5
V
VR=6V, IO=0.5A, VOH-VR
VR bias current
I8
0.5
0.8
1.6
mA
VR=6V, IO=0.5A
Electrical characteristics (BA6238A, unless otherwise specified, Ta=25℃ and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
12
24
mA
IN1, IN2, IN3=L, RL=∞
Input threshold voltage H
VIH
4.0
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10.0
10.5
-
V
IO=0.5A, VR=OPEN
Output voltage L
VOL
-
0.8
1.5
V
IO=0.5A, VR=OPEN
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, RL=∞, VCC2 current
Output offset voltage
VOFS
-0.5
0
0.5
V
VR=6V, IO=0.5A, VOH-VR
VR bias current
I8
0.2
0.6
1.5
mA
VR=6V, IO=0.5A


同様の部品番号 - BA6238A

メーカー部品番号データシート部品情報
logo
Rohm
BA6238A ROHM-BA6238A Datasheet
151Kb / 8P
   2-channel reversible motor driver
BA6238A ROHM-BA6238A Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
BA6238A ROHM-BA6238A Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
logo
List of Unclassifed Man...
BA6238A ETC2-BA6238A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA6238AN ROHM-BA6238AN Datasheet
151Kb / 8P
   2-channel reversible motor driver
More results

同様の説明 - BA6238A

メーカー部品番号データシート部品情報
logo
Rohm
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6238A ROHM-BA6238A_1 Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com