データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6859AFP-Y データシート(PDF) 6 Page - Rohm

部品番号 BA6859AFP-Y
部品情報  1ch Spindle Motor Driver ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA6859AFP-Y データシート(HTML) 6 Page - Rohm

Back Button BA6859AFP-Y_10 Datasheet HTML 2Page - Rohm BA6859AFP-Y_10 Datasheet HTML 3Page - Rohm BA6859AFP-Y_10 Datasheet HTML 4Page - Rohm BA6859AFP-Y_10 Datasheet HTML 5Page - Rohm BA6859AFP-Y_10 Datasheet HTML 6Page - Rohm BA6859AFP-Y_10 Datasheet HTML 7Page - Rohm BA6859AFP-Y_10 Datasheet HTML 8Page - Rohm BA6859AFP-Y_10 Datasheet HTML 9Page - Rohm BA6859AFP-Y_10 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BA6859AFP-Y,BA6664FM,BD6671FM
Technical Note
6/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
0
25
50
75
100
125
150
1.0
2.0
2.2
Pd[W]
Ta(℃)
85
Fig.7 Power Dissipation Reduction (BA6664FM、BD6671FM)
*Reduced by 11.6 mW/℃ over 25℃, when mounted on a glass epoxy board
(70 mm x 70 mm x 1.6 mm).
2) BA6664FM
Fig.6 BA6664FM Block Diagram
BA6664FM Pin Function Table
Pin No. Pin name
Function
1
N.C.
N.C.
2
A3
Output pin
3
N.C.
N.C.
4
A2
Output pin
5
N.C
N.C.
6
N.C.
N.C.
7
A1
Output pin
8
GND
GND pin
9
H1+
Hall signal input pin
10
H1-
Hall signal input pin
11
H2+
Hall signal input pin
12
H2-
Hall signal input pin
13
H3+
Hall signal input pin
14
H3-
Hall bias input pin
15
VH
Hall bias input pin
16
BR
Brake mode pin
17
CNF
Capacitor connection pin for phase
compensation
18
SB
Short brake pin
19
FG2
FG 3-phase component output pin
20
FR
Rotation detection pin
21
ECR
Output voltage control reference pin
22
EC
Output voltage control pin
23
PS
Power-saving pin
24
FG
FG signal output pin
25
VCC
Power supply pin
26
GSW
Gain switching pin
27
VM
Motor power supply pin
28
RNF
Resistance connection pin for output
current detection
FIN
FIN
GND
PS
TL
TSD
GAIN
CONTROL
DRIVER
14
13
12
11
10
9
8
7
4
2
28
26
27
25
23
24
21
22
19
20
17
18
FIN
HALL AMP
VCC
TORQUE
SENSE AMP
-
+
-
+
VH
BR
SB
FG2
FR
ECR
EC
PS
FG
VCC
GSW
VM
RNF
CURRENT
SENSE AMP
15
Hall Bias
BRAKE MODE
VCC
H3-
H3+
H2-
H2+
H1-
H1+
GND
A1
A2
A3
VCC
CK
R
D
Q
Hall1
Hall1
Hall1
1µF
SERVO
SIGNAL
VM
0.5Ω
+
-
The power saving mode is turned ON by low-level voltage,
and the circuit current and motor output will stop.
If the ECR voltage is set between 1.6 and 2.2V, the
maximum torque limit current will be obtained.
The detection of motor rotation direction is possible.
The short brake is operated regardless of brake mode settings.
Connect a capacitor for phase compensation.
The recommended value is 0.1µF.
Short brake and reversed brake settings are possible.
The motor torque current is controllable.
500Ω
0.1µF
500Ω
Capacitor for noise level mitigation.
The recommended value is 0.47 µF to 10 µF.
+
-
Speed detection is attained by FG signal output.
Resistor for setting Hall input level .
The recommended value is 200 Ω to 1k Ω.
Output will be open when the reverse rotation of the motor is
detected.
Output to the motor will be opened at a chip tempe
175°C (Typ.). Do not use the IC in excess of a chip
rature of temperature of 150°C.
Torque limit current and I/O gain settings are made by
the RNF resistance value.
Resistance of 0.4 to 1.0Ω is recommended.
16
CNF
Q
SHORT BRAKE
GAIN
SWITCH
-
+
-
+
-
+
-
+
-
+
I/O gain
1µF
RNF


同様の部品番号 - BA6859AFP-Y_10

メーカー部品番号データシート部品情報
logo
Rohm
BA6859AFP-Y ROHM-BA6859AFP-Y Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
BA6859AFP-Y ROHM-BA6859AFP-Y Datasheet
273Kb / 6P
   3-Phase spindle motor driver
More results

同様の説明 - BA6859AFP-Y_10

メーカー部品番号データシート部品情報
logo
Rohm
BA6966FV ROHM-BA6966FV Datasheet
182Kb / 6P
   1ch Sensorless Spindle Motor Driver for MD
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
   SPINDLE MOTOR DRIVER
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
logo
Fairchild Semiconductor
KA3016D FAIRCHILD-KA3016D Datasheet
522Kb / 18P
   SPINDLE MOTOR DRIVER
logo
Rohm
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
   1ch Motor Driver
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
   1ch Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com