データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA2902KN データシート(PDF) 5 Page - Rohm

部品番号 BA2902KN
部品情報  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA2902KN データシート(HTML) 5 Page - Rohm

  BA2902KN Datasheet HTML 1Page - Rohm BA2902KN Datasheet HTML 2Page - Rohm BA2902KN Datasheet HTML 3Page - Rohm BA2902KN Datasheet HTML 4Page - Rohm BA2902KN Datasheet HTML 5Page - Rohm BA2902KN Datasheet HTML 6Page - Rohm BA2902KN Datasheet HTML 7Page - Rohm BA2902KN Datasheet HTML 8Page - Rohm BA2902KN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
5/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA2902 family (Unless otherwise specified VCC=+5[V], VEE=0[V])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA2902S F/FV/KN
BA2902F/FV/KN
Min.
Typ.
Max.
Input Offset Voltage
( *10) (*11)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Full range
-
-
10
VCC=5~30[V],VOUT=1.4[V]
Input Offset Voltage Drift
Vio/△T
-
-
±7
-
μV/℃ VOUT=1.4[V]
Input Offset Current
(*10) (*11)
Iio
25℃
-
2
50
nA
VOUT=1.4[V]
Full range
-
-
200
Input Offset Current Drift
lio/△T-
-
±10
-
pA/℃ VOUT=1.4[V]
Input Bias Current
(*10) (*11)
Ib
25℃
-
20
250
nA
VOUT=1.4[V]
Full range
-
-
250
Supply Current
(*10)
ICC
25℃
-
0.7
2
A
RL=∞ All Op-Amps
Full range
-
-
3
High Level Output Voltage
(*11)
VOH
25℃
3.5
-
-
V
RL=2[kΩ]
Full range
27
28
-
VCC=30[V],RL=10[kΩ]
Low Level Output Voltage
(*11)
VOL
Full range
-
5
20
mV
RL=∞All Op-Amps
Large Signal Voltage Gain
AV
25℃
25
100
-
V/mV RL
2[kΩ],VCC=15[V]
VOUT=1.4~11.4[V]
Input Common-mode Voltage Range
Vicm
25℃
0
-
VCC-1.
5
V
(VCC-VEE)=5[V],
VOUT=VEE+1.4[V]
Common-mode Rejection Ratio
CMRR
25℃
50
80
-
dB
VOUT=1.4[V]
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5~30[V]
Output SourceCurrent
(*11) (*12)
IOH
25℃
20
30
-
mA
VIN+=1[V],VIN-=0[V]
VOUT=0[V] 1CH is short
circuit
Full range
10
-
-
Output Sink Current
(*11) (*12)
IOL
25℃
10
20
-
mA
VIN+=0[V],VIN-=1[V]
VOUT=5[V] 1CH is short circuit
Full range
2
-
-
Isink
25℃
12
40
-
μA
VIN+=0[V],VIN-=1[V]
VOUT=200[mV]
Channel Separation
CS
25℃
-
120
-
dB
f=1[kHz], input referred
Slew rate
SR
25℃
-
0.2
-
V/μs VCC=15[V],AV=0[dB],
RL=2[kΩ],CL=100[pF]
Maximum frequency
ft
25℃
-
0.5
-
MHz VCC=30[V],RL=2[kΩ],
CL=100[pF]
Input referred noise voltage
Vn
25℃
-
40
-
Hz
nV/
VCC=15[V],VEE=-15[V],
RS=100[Ω],Vi=0[V],f=1[kHz]
(*10) Absolute value
(*11) BA2902S family:Full range -40~+105℃ ,BA2902 family:Full range -40~+125℃
(*12) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


同様の部品番号 - BA2902KN

メーカー部品番号データシート部品情報
logo
Rohm
BA2902KN ROHM-BA2902KN	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902KN ROHM-BA2902KN Datasheet
325Kb / 6P
   GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA2902KN ROHM-BA2902KN Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902KN ROHM-BA2902KN Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA2902KN ROHM-BA2902KN Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results

同様の説明 - BA2902KN

メーカー部品番号データシート部品情報
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com