データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA2902FV データシート(PDF) 4 Page - Rohm

部品番号 BA2902FV
部品情報  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA2902FV データシート(HTML) 4 Page - Rohm

  BA2902FV Datasheet HTML 1Page - Rohm BA2902FV Datasheet HTML 2Page - Rohm BA2902FV Datasheet HTML 3Page - Rohm BA2902FV Datasheet HTML 4Page - Rohm BA2902FV Datasheet HTML 5Page - Rohm BA2902FV Datasheet HTML 6Page - Rohm BA2902FV Datasheet HTML 7Page - Rohm BA2902FV Datasheet HTML 8Page - Rohm BA2902FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
4/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings (Ta=25[℃])
BA2904/BA2902 family
Parameter
Symbol
Ratings
Unit
BA2904S F/FV/FVM
BA2902S F/FV/KN
BA2904F/FV/FVM
BA2902F/FV/KN
Supply Voltage
VCC-VEE
+32
V
Differential Input Voltage
(*6)
Vid
32
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3)~(VEE+32)
V
Operating Temperature Range
Topr
-40~+105
-40~+125
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
Note:Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
(*6) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE.
Electric Characteristics
BA2904 family (Unless otherwise specified VCC=+5[V], VEE=0[V])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA2904S F/FV/FVM
BA2904F/FV/FVM
Min.
Typ.
Max.
Input Offset Voltage
(*7) (*8)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Full range
-
-
10
VCC=5~30[V],VOUT=1.4[V]
Input Offset Voltage Drift
Vio/△T
-
-
±7
-
μV/℃ VOUT=1.4[V]
Input Offset Current
(*7) (*8)
Iio
25℃
-
2
50
nA
VOUT=1.4[V]
Full range
-
-
200
Input Offset Current Drift
lio/△T-
-
±10
-
pA/℃ VOUT=1.4[V]
Input Bias Current
(*7) (*8)
Ib
25℃
-
20
250
nA
VOUT=1.4[V]
Full range
-
-
250
Supply Current
(*8)
ICC
25℃
-
0.7
1.2
mA
RL=∞All Op-Amps
Full range
-
-
2
High Level Output Voltage
(*8)
VOH
25℃
3.5
-
-
V
RL=2[kΩ]
Full range
27
28
-
VCC=30[V],RL=10[kΩ]
Low Level Output Voltage
(*8)
VOL
Full range
-
5
20
mV
RL=∞ All Op-Amps
Large Signal Voltage Gain
AV
25℃
25
100
-
V/mV RL
2[kΩ],VCC=15[V]
VOUT=1.4~11.4[V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
(VCC-VEE)=5[V],
VOUT=VEE+1.4[V]
Common-mode Rejection Ratio
CMRR
25℃
50
80
-
dB
VOUT=1.4[V]
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5~30[V]
Output Source Current
(*8) (*9)
IOH
25℃
20
30
-
mA
VIN+=1[V],VIN-=0[V]
VOUT=0[V] 1CH is short circuit
Full range
10
-
-
Output Sink Current
(*8) (*9)
IOL
25℃
10
20
-
mA
VIN+=0[V],VIN-=1[V]
VOUT=5[V] 1CH is short circuit
Full range
2
-
-
Isink
25℃
12
40
-
μA
VIN+=0[V],VIN-=1[V]
VOUT=200[mV]
Channel Separation
CS
25℃
-
120
-
dB
f=1[kHz], input referred
Slew rate
SR
25℃
-
0.2
-
V/μs VCC=15[V],AV=0[dB],
RL=2[kΩ],CL=100[pF]
Maximum frequency
ft
25℃
-
0.5
-
MHz
VCC=30[V],RL=2[kΩ],
CL=100[pF]
Input referred noise voltage
Vn
25℃
-
40
-
Hz
nV/
VCC=15[V],VEE=-15[V],
RS=100[Ω],Vi=0[V],f=1[kHz]
(*7)
Absolute value
(*8)
BA2904S family:Full range -40~+105℃ BA2904 family:Full range -40~+125℃
(*9)
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


同様の部品番号 - BA2902FV

メーカー部品番号データシート部品情報
logo
Rohm
BA2902FV ROHM-BA2902FV	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902FV ROHM-BA2902FV Datasheet
325Kb / 6P
   GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA2902FV ROHM-BA2902FV Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902FV ROHM-BA2902FV Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA2902FV ROHM-BA2902FV Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results

同様の説明 - BA2902FV

メーカー部品番号データシート部品情報
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com