データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD1603NUV データシート(PDF) 1 Page - Rohm

部品番号 BD1603NUV
部品情報  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD1603NUV データシート(HTML) 1 Page - Rohm

  BD1603NUV Datasheet HTML 1Page - Rohm BD1603NUV Datasheet HTML 2Page - Rohm BD1603NUV Datasheet HTML 3Page - Rohm BD1603NUV Datasheet HTML 4Page - Rohm BD1603NUV Datasheet HTML 5Page - Rohm BD1603NUV Datasheet HTML 6Page - Rohm BD1603NUV Datasheet HTML 7Page - Rohm BD1603NUV Datasheet HTML 8Page - Rohm BD1603NUV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2011.02 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
LED Drivers for LCD Backlights
Backlight LED Driver
for Small LCD Panels (Charge Pump Type)
BD1603NUV
Description
The high-power (large current output) type LED driver is a white LED driver best suited for applications that require the large current.
It is equipped with output voltage and oscillation frequency switch functions to flexibly cope with a wide variety of applications.
Because output voltage is fixed at 4.5V or 5.0V, it is also applicable to applications except the LED driver.
Features
1) Selectable 4.5V or 5.0V output voltage
2) 190mA output (at Vo=4.5V)
3) 150mA output (at Vo=5.0V)
4) Oscillation frequency switching (238kHz or 642kHz)
5) Current consumption less than or equal to 2µA at shut-down
6) Low ripple output owing to a complementary charge pump circuit
7) Over current protection when VOUT short to GND.
8) Soft start function
9) Mounting various protection functions such as current overload limiter and thermal shut-down circuit
10) Small VSON package
Applications
This driver is applicable for various fields such as mobile phones, portable game machines and appliances.
5V supply for HDMI
5V supply for USB OTG
Lineup
Parameter
BD1603NUV
Number of LEDs
Up to 10 LEDs (Up to maximum load current)
Boost magnification
×2 fixed (4.5V or 5.0V output)
Interface
Control via external pins
Individual LED lighting
Not available
Package
VSON010V3030 3mm × 3mm
Absolute Maximum Rating (Ta=25ºC)
Parameter
Symbol
Ratings
Unit
Condition
Power supply voltage
VINMAX
7
V
Output voltage
VOMAX
7
V
Operating temperature range
Topr
-30 ~ +85
ºC
Storage temperature range
Tstg
-55 ~ +150
ºC
Allowable loss
Pd
700(*1)
mW
(*1)When a glass epoxy substrate (70mm × 70mm × 1.6mm) has been mounted, this loss will decrease 5.6mW/ºC if Ta is higher than or equal to 25ºC.
Operation Range (Ta=-30ºC to +85ºC)
Parameter
Symbol
Ratings
Unit
Condition
Operating supply voltage
Vin
2.7~5.5
V
No.11040EBT20


同様の部品番号 - BD1603NUV

メーカー部品番号データシート部品情報
logo
Rohm
BD1603NUV ROHM-BD1603NUV Datasheet
309Kb / 6P
   Charge Pump Regulator with Selectable 5.0V/4.5V Output for mobile
BD1603NUV ROHM-BD1603NUV Datasheet
264Kb / 5P
   Charge Pump type LED driver for mobile instrument
BD1603NUV ROHM-BD1603NUV_1 Datasheet
264Kb / 5P
   Charge Pump type LED driver for mobile instrument
More results

同様の説明 - BD1603NUV

メーカー部品番号データシート部品情報
logo
Rohm
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com