データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD1604MUV データシート(PDF) 1 Page - Rohm

部品番号 BD1604MUV
部品情報  Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD1604MUV データシート(HTML) 1 Page - Rohm

  BD1604MUV Datasheet HTML 1Page - Rohm BD1604MUV Datasheet HTML 2Page - Rohm BD1604MUV Datasheet HTML 3Page - Rohm BD1604MUV Datasheet HTML 4Page - Rohm BD1604MUV Datasheet HTML 5Page - Rohm BD1604MUV Datasheet HTML 6Page - Rohm BD1604MUV Datasheet HTML 7Page - Rohm BD1604MUV Datasheet HTML 8Page - Rohm BD1604MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/10
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
LED Drivers for LCD Backlights
Backlight LED Drivers
for Small LCD Panels (Charge Pump Type)
BD1604MUV, BD1604MVV
Description
This LSI is a 4 white LED driver for small LCD backlight. At the charge pump type, the number of external devices is
minimized.
Features
1) 4 parallel LED driver is mounted.
2) The LED current can be controlled via an external resistance.
3) Maximum current is 120mA (30mA × 4).
4) LED1 to LED4 can be turned on or off via an external control pin.
5) The relative current accuracy among LEDs (LED1 to LED4) is 3%.
6) Automatically transition to each mode (×1.0, ×1.5, ×2.0).
7) High efficiency (90% or more at maximum) is achieved.
8) Various protection functions such as output voltage protection function, current overload limiter and thermal shutdown
circuit are mounted.
Applications
This driver provides for:
- Backlight using white LED
- Auxiliary lights for mobile phone cameras and simplified flash
Lineup
Parameter
BD1604MUV
BD1604MVV
Number of LED channels
4ch
4ch
Maximum current
120mA
120mA
Package
VQFN016V3030
3.00mm×3.00mm
SQFN016V4040
4.00mm×4.00mm
Absolute Maximum Rating (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power supply voltage
Vmax
7
V
Allowable loss
BD1604MUV
Pd
700 *
1
mW
BD1604MVV
780 *
2
Operating temperature range
Topr
30~85
Storage temperature range
Tstr
55~150
*1
When a glass epoxy substrate (70mm×70mm×1.6mm) has been mounted, this loss will decrease 5.6mW/℃ if Ta is higher than or equal to 25℃.
*2
When a glass epoxy substrate (70mm×70mm×1.6mm) has been mounted, this loss will decrease 6.24mW/℃ if Ta is higher than or equal to 25℃.
Recommended Operation Range
Parameter
Symbol
Limits
Unit
Condition
Operating supply voltage
VBAT
2.7~5.5
V
VBAT voltage
No.11040EBT23


同様の部品番号 - BD1604MUV

メーカー部品番号データシート部品情報
logo
Rohm
BD1604MUV ROHM-BD1604MUV Datasheet
317Kb / 6P
   4-Parallel white-LED Driver for mobile phone
BD1604MUV ROHM-BD1604MUV Datasheet
282Kb / 5P
   4-Parallel white-LED Driver for mobile phone
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
   4-Parallel white-LED Driver for mobile phone
More results

同様の説明 - BD1604MUV

メーカー部品番号データシート部品情報
logo
Rohm
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6081GU ROHM-BD6081GU_11 Datasheet
616Kb / 36P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com