データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD3004HFP データシート(PDF) 1 Page - Rohm

部品番号 BD3004HFP
部品情報  Regulators with Voltage Detector and Watchdog Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD3004HFP データシート(HTML) 1 Page - Rohm

  BD3004HFP_06 Datasheet HTML 1Page - Rohm BD3004HFP_06 Datasheet HTML 2Page - Rohm BD3004HFP_06 Datasheet HTML 3Page - Rohm BD3004HFP_06 Datasheet HTML 4Page - Rohm BD3004HFP_06 Datasheet HTML 5Page - Rohm BD3004HFP_06 Datasheet HTML 6Page - Rohm BD3004HFP_06 Datasheet HTML 7Page - Rohm BD3004HFP_06 Datasheet HTML 8Page - Rohm BD3004HFP_06 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TECHNICAL NOTE
Power Management LSI Series for Automotive Body Control
Regulators with
Voltage Detector and
Watchdog Timer
BD3004HFP,BD3005HFP
Description
The BD3004HFP,BD3005HFP low bias current regulator and watchdog timer features a high 50 V breakdown voltage and is compatible
with on-board vehicle microcontrollers. It offers an output current of 500 mA while limiting bias current to 80
µA (Typ.). The series supports
the use of ceramic capacitors as output phase compensation capacitors.The reset detection voltage can be changed by connecting a
resistor to the Vs pin.(BD3004HFP)The watchdog timer can be switched on and off using the INH pin input logic.(BD3005HFP)
Features
1) 5 V/500 mA regulators for microcontrollers
BD3004HFP: Adjustable detection voltage (Vs pin)
BD3005HFP:Built-in watchdog timer reset circuit (INH pin: watchdog timer on/off)
2) Super-low bias current: 80
µA (Typ.)
3) Low-saturation voltage type P-channel DMOS output transistors
4) High precision output voltage: 5 V
±2%
5) Low-ESR ceramic capacitors can be used as output capacitors
6) Vcc Maximum applied voltage: 50 V
7) Built-in overcurrent protection circuit and thermal shutdown circuit
8) Built-in reverse connection breakdown prevention circuit
9) Back current flow protection during sudden battery failures, making it a highly reliable 5 V regulator.
10) HRP7 package
Applications
Onboard devices (Vehicle equipment, Car stereos, Satellite navigation systems, etc.)
Absolute maximum ratings
(Ta = 25°C)
Parameter
Symbol
Limit
Unit
Vcc applied voltage
Vcc
−15 to +50*1
V
Vs pin voltage(BD3004HFP)
Vs
−0.3 to +15
V
INH pin voltage(BD3005HFP)
VINH
−0.3 to +15
V
Regulator output pin voltage
VOUT
−0.3 to +15
V
Reset output pin voltage
VRO
−0.3 to +15
V
Watchdog input pin voltage
VCLK
−0.3 to +15
V
Reset delay setting pin voltage
VCT
−0.3 to +15
V
Output current
IOUT
500
mA
Power dissipation
Pd
1.6*2
W
Operating temperature range
Topr
−40 to +125
°C
Storage temperature range
Tstg
−55 to +150
°C
Maximum junction temperature
Tjmax
150
°C
*1 Must not exceed Pd.
*2 Reduced by 12.8 mW/°C over 25°C, when mounted on a glass epoxy board (70 mm
× 70 mm × 1.6 mm).
Ver.B July 2006


同様の部品番号 - BD3004HFP_06

メーカー部品番号データシート部品情報
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
More results

同様の説明 - BD3004HFP_06

メーカー部品番号データシート部品情報
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com