データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD3005HFP データシート(PDF) 3 Page - Rohm

部品番号 BD3005HFP
部品情報  Regulators with Voltage Detector and Watchdog Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD3005HFP データシート(HTML) 3 Page - Rohm

  BD3005HFP Datasheet HTML 1Page - Rohm BD3005HFP Datasheet HTML 2Page - Rohm BD3005HFP Datasheet HTML 3Page - Rohm BD3005HFP Datasheet HTML 4Page - Rohm BD3005HFP Datasheet HTML 5Page - Rohm BD3005HFP Datasheet HTML 6Page - Rohm BD3005HFP Datasheet HTML 7Page - Rohm BD3005HFP Datasheet HTML 8Page - Rohm BD3005HFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/8
Reference data
(Unless otherwise specified, Ta = 25°C)
0
0.5
1
1.5
2
2.5
3
0
100
200
300
400
500
OUTPUT CURRENT: IOUT [mA]
Ta=25℃
Fig. 6 Reset Detection Voltage
OUTPUT VOLTAGE: VOUT [V]
Fig. 5 Ripple Rejection
0
20
40
60
80
10
100
1000
10000 100000 1E+06
FREQUENCY: f [Hz]
Fig. 4 I/O Voltage Difference
Ta=-40℃
Ta=125℃
Fig. 10 CT Pin Charge vs
Discharge Current
-10
-8
-6
-4
-2
0
2
0
0.5
1
1.5
2
2.5
3
CT PIN VOLTAGE: VCT [V]
Fig. 12 Thermal Shutdown
Circuit
0
1
2
3
4
5
6
100
120
140
160
180
200
AMBIENT TEMPERATURE: Ta [℃]
Fig. 11 Output Voltage vs
Temperature
4.5
4.75
5
5.25
5.5
-40
0
40
80
120
AMBIENT TEMPERATURE: Ta [℃]
Fig. 1 Circuit Current
0
20
40
60
80
100
120
0
5
10
15
20
25
SUPPLY VOLTAGE: Vcc [V]
Ta=25℃
Ta=-40℃
Ta=125℃
Fig. 2 Output Voltage vs
Supply Voltage
0
1
2
3
4
5
6
0
5
10
15
20
25
SUPPLY VOLTAGE: Vcc [V]
Fig. 3 Output Voltage vs Load
0
1
2
3
4
5
6
0
500
1000
1500
2000
OUTPUT CURRENT: IOUT [mA]
Ta=125℃
Ta=25℃
Ta=-40℃
Ta=125℃
Ta=-40℃
Fig. 8 Total Supply Current
Classified by Load
0
0.1
0.2
0.3
0.4
0.5
0
100
200
300
400
500
OUTPUT CURRENT: IOUT [mA]
Fig. 9 Back Current
-50
-40
-30
-20
-10
0
-15
-12
-9
-6
-3
0
SUPPLY VOLTAGE: Vcc [V]
Fig. 7 Reset Detection Voltage
Temperature
AMBIENT TEMPERATURE:Ta[℃]
3.8
4.0
4.2
4.4
4.6
4.8
-40
0
40
80
120
BD3005HFP
BD3004HFP
0
2
4
6
8
10
0
1
2
3
4
5
BD3005HFP
BD3004HFP
Ta=25℃
Rising Edge Detection Voltage
Falling Edge Detection Voltage
Rising Edge Detection Voltage
Falling Edge Detection Voltage


同様の部品番号 - BD3005HFP

メーカー部品番号データシート部品情報
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
More results

同様の説明 - BD3005HFP

メーカー部品番号データシート部品情報
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com