データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD3504FVM データシート(PDF) 11 Page - Rohm

部品番号 BD3504FVM
部品情報  Nch FET Ultra LDO Controllers for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD3504FVM データシート(HTML) 11 Page - Rohm

Back Button BD3504FVM Datasheet HTML 7Page - Rohm BD3504FVM Datasheet HTML 8Page - Rohm BD3504FVM Datasheet HTML 9Page - Rohm BD3504FVM Datasheet HTML 10Page - Rohm BD3504FVM Datasheet HTML 11Page - Rohm BD3504FVM Datasheet HTML 12Page - Rohm BD3504FVM Datasheet HTML 13Page - Rohm BD3504FVM Datasheet HTML 14Page - Rohm BD3504FVM Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
BD3504FVM,BD3500FVM,BD3501FVM,BD3502FVM
Technical Note
11/16
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Silk Screen
TOP Layer
Bottom Layer
Silk Screen
TOP Layer
Bottom Layer
BD3504FVM
G
EN
VCC
NRCS
VD
VS
GND
VCC
S1
3
6
5
7
U1
VFB
GND
VTTS
1
C1
4
2
VCC
8
VIN
VOUT
C2
C3
C4
U2
R2’
R1’
R2
R1
Evaluation Board (BD3500/01/02FVM)
BD350XFVM Evaluation Board Circuit
BD350XFVM Evaluation Board Application Components
Part No
Value
Company
Parts Name
U1
-
ROHM
BD3500/01/02FVM
U2
NMOS
ROHM
RTW060N03
C1
1µF
MURATA
GRM18 series
C2
0.01µF
MURATA
GRM18 series
Part No
Value
Company
Parts Name
C3
0.01µF
MURATA
GRM18 series
C4
10µF
MURATA
GRM21 series
C5
220µF
SANYO,etc
2R5TPE220MF
BD350XFVM Evaluation Board Layout
Evaluation Board (BD3504FVM)
BD3504FVM Evaluation Board Circuit
BD3504FVM Evaluation Board Application Components
Part No
Value
Company
Parts Name
U1
-
ROHM
BD35304FVM
U2
NMOS
ROHM
RTW060N03
R1
3.9K
ROHM
MCR03EZPF3901
R1’
3.3K
ROHM
MCR03EZPF3301
R2
3.9K
ROHM
MCR03EZPF3901
Part No
Value
Company
Parts Name
R2’
3.3K
ROHM
MCR03EZPF3301
C1
1µF
MURATA
GRM18 series
C2
0.01µF
MURATA
GRM18 series
C3
10µF
MURATA
GRM21 series
C4
220µF
SANYO,etc
2R5TPE220MF
BD3504FVM Evaluation Board Layout
BD350XFVM
G
EN
VCC
NRCS
VIN
VFB
GND
VCC
S1
8
6
7
U1
1
C1
4
2
VCC
VIN
VOUT
C3
C4
C5
U2
SCP
3
C2
5


同様の部品番号 - BD3504FVM

メーカー部品番号データシート部品情報
logo
Rohm
BD3504FVM ROHM-BD3504FVM Datasheet
256Kb / 6P
   Single Channel Series Regulator Driver IC
BD3504FVM ROHM-BD3504FVM Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
More results

同様の説明 - BD3504FVM

メーカー部品番号データシート部品情報
logo
Rohm
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com