データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD3500FVM データシート(PDF) 2 Page - Rohm

部品番号 BD3500FVM
部品情報  Nch FET Ultra LDO Controllers for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD3500FVM データシート(HTML) 2 Page - Rohm

  BD3500FVM Datasheet HTML 1Page - Rohm BD3500FVM Datasheet HTML 2Page - Rohm BD3500FVM Datasheet HTML 3Page - Rohm BD3500FVM Datasheet HTML 4Page - Rohm BD3500FVM Datasheet HTML 5Page - Rohm BD3500FVM Datasheet HTML 6Page - Rohm BD3500FVM Datasheet HTML 7Page - Rohm BD3500FVM Datasheet HTML 8Page - Rohm BD3500FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BD3504FVM,BD3500FVM,BD3501FVM,BD3502FVM
Technical Note
2/16
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings (Ta=25℃)
BD3500/01/02FVM
Parameter
Symbol
Ratings
Unit
Input Voltage
VCC
7 *
1
V
Drain Voltage (VIN)
VIN
7
V
Enable Input Voltage
Ven
7
V
Power Dissipation
Pd
437.5 *
2
mW
Operating Temperature Range
Topr
-10~+100
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
*1 However, not exceeding Pd.
*2 Pd derating at 3.5mW/℃ for temperature above Ta=25℃
BD3504FVM
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC
7 *
3
V
Drain Voltage
VD
7
V
Enable Input Voltage
Ven
7
V
Power dissipation
Pd
437.5 *
4
mW
Operating temperature range
Topr
-10~+100
Storage temperature range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
*3 However, not exceeding Pd.
*4 Pd derating at 3.5mW/℃ for temperature above Ta=25℃
Recommended operating conditions
BD3500/01/02FVM
Parameter
Symbol
Ratings
Unit
MIN
MAX
Supply Voltage
VCC
4.5
5.5
V
Drain Voltage(VIN)
VIN
Vo×1.15
5.5
V
Enable Input Voltage
Ven
-0.3
5.5
V
Capacitor on NRCS Terminal
CNRCS
0.001
1
µF
Capacitor on SCP Terminal
CSCP
0.001
1
µF
No radiation-resistant design is adopted for the present product.
BD3504FVM
Parameter
Symbol
Ratings
Unit
MIN
MAX
Supply Voltage
VCC
4.5
5.5
V
Drain Voltage
VD
0.65
5.5
V
Enable Input Voltage
Ven
-0.3
5.5
V
Capacitor in NRCS pin
CNRCS
0.001
1
µF
Output Voltage
VOUT
0.65
2.5
V
No radiation-resistant design is adopted for the present product.


同様の部品番号 - BD3500FVM

メーカー部品番号データシート部品情報
logo
Rohm
BD3500FVM ROHM-BD3500FVM Datasheet
258Kb / 6P
   Single Channel Series Regulator Driver IC
BD3500FVM ROHM-BD3500FVM Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
More results

同様の説明 - BD3500FVM

メーカー部品番号データシート部品情報
logo
Rohm
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com