データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4001 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 1N4001
部品情報  General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4001 データシート(HTML) 1 Page - Fairchild Semiconductor

  1N4001 Datasheet HTML 1Page - Fairchild Semiconductor 1N4001 Datasheet HTML 2Page - Fairchild Semiconductor 1N4001 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4001 - 1N4007 Rev. C2
1
May 2009
1N4001 - 1N4007
General Purpose Rectifiers
Features
• Low forward voltage drop.
• High surge current capability.
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may by impaired.
Thermal Characteristics
Electrical Characteristics TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
4001 4002 4003 4004 4005 4006 4007
VRRM
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Forward Current
.375 " lead length @ TA = 75°C
1.0
A
IFSM
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
30
A
I2t
Rating for Fusing ( t<8.3ms )
3.7
A2sec
TSTG
Storage Temperature Range
-55 to +175
°C
TJ
Operating Junction Temperature
-55 to +175
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
3.0
W
RθJA
Thermal Resistance, Junction to Ambient
50
°C/W
Symbol
Parameter
Value
Units
VF
Forward Voltage @ 1.0A
1.1
V
Irr
Maximum Full Load Reverse Current, Full
Cycle
TA = 75°C
30
µA
IR
Reverse Current @ Rated VR
TA = 25°C
TA = 100°C
5.0
50
µA
µA
CT
Total Capacitance VR = 4.0V, f = 1.0MHz
15
pF
DO-41
COLOR BAND DENOTES CATHODE


同様の部品番号 - 1N4001

メーカー部品番号データシート部品情報
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4001 EIC-1N4001 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

同様の説明 - 1N4001

メーカー部品番号データシート部品情報
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
   General Purpose Rectifiers
logo
NXP Semiconductors
PS07J PHILIPS-PS07J Datasheet
51Kb / 9P
   General purpose rectifiers
Rev. 02-26 July 2004
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com