データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD3925FP-C データシート(PDF) 1 Page - Rohm

部品番号 BD3925FP-C
部品情報  Voltage Tracker
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD3925FP-C データシート(HTML) 1 Page - Rohm

  BD3925FP-C Datasheet HTML 1Page - Rohm BD3925FP-C Datasheet HTML 2Page - Rohm BD3925FP-C Datasheet HTML 3Page - Rohm BD3925FP-C Datasheet HTML 4Page - Rohm BD3925FP-C Datasheet HTML 5Page - Rohm BD3925FP-C Datasheet HTML 6Page - Rohm BD3925FP-C Datasheet HTML 7Page - Rohm BD3925FP-C Datasheet HTML 8Page - Rohm BD3925FP-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Automotive Body Power Management LSI
Voltage Tracker
BD3925FP-C,BD3925HFP-C
Description
BD3925FP-C and BD3925HFP-C are voltage trackers for automotive use which feature high withstand-voltage to 50V.
They offer the output current loading to 500mA while limiting the quiescent current to 45µA (typ.), so that they suit to apply
for systems which are permanently connected to the car battery and requiring low-current-consumption. The offset is
±
15mV (for 5V output. 6V < Vcc < 36V, 5mA < lo < 200mA). They integrate folded–type of over-current protection to
minimize heat dissipation while accidentally shorted, thus lead to most robust power-supply design under the harsh
automotive environment.
Features
1) Ultra-low quiescent current: 45µA (TYP.)
2) Low-saturation voltage type P-channel DMOS output transistors
3) Low offset voltage:
 15mV(for 5V output, 6V< Vcc <36V, 5mA<lo<200mA)
4) Vcc power supply voltage = 50 V
5) Integrated over-current protection circuit and thermal shutdown circuit
6) TO252-5/HRP5 Package
Applications
Onboard vehicle devices (body-control, car stereos, satellite navigation systems, etc.)
Product line
Part No.
Package
BD3925FP-C
TO252-5
BD3925HFP-C
HRP5
Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Limit
Unit
Supply Voltage
Vcc
50
1
V
Switch Supply Voltage
VSW
50
V
VADJ Terminal Supply Voltage
VADJ
28
V
Vo Terminal Voltage
Vout
28
V
Output Current
Io
500
mA
Power Dissipation
Pd
1.3 (TO252-5)
2
W
1.6 (HRP5)
3
Operating Temperature Range
Topr
-40 ~ +125
Storage Temperature Range
Tstg
-55 ~ +150
Maximum Junction Temperature
Tjmax
150
1
Not to exceed Pd and ASO.
2
TO252-5: Reduced by 10.4 mW/°C over 25 °C, when mount on a glass epoxy board : 70 mm
 70 mm  1.6 mm.
3
HRP5: Reduced by 12.8 mW/°C over 25 °C, when mount on a glass epoxy board : 70 mm
 70 mm  1.6 mm).
NOTE: This product is not designed for protection against radioactive rays.
No.11039EBT06


同様の部品番号 - BD3925FP-C

メーカー部品番号データシート部品情報
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
More results

同様の説明 - BD3925FP-C

メーカー部品番号データシート部品情報
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
logo
Infineon Technologies A...
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115D0 INFINEON-TLS115D0 Datasheet
1Mb / 26P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
   Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
TLS102B0 INFINEON-TLS102B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
logo
SHENZHEN KYL COMMUNICAT...
GSM KYL-GSM Datasheet
168Kb / 15P
   Tracker
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com