データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD4154FV データシート(PDF) 11 Page - Rohm

部品番号 BD4154FV
部品情報  Power Switch IC for ExpressCard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD4154FV データシート(HTML) 11 Page - Rohm

Back Button BD4154FV_10 Datasheet HTML 7Page - Rohm BD4154FV_10 Datasheet HTML 8Page - Rohm BD4154FV_10 Datasheet HTML 9Page - Rohm BD4154FV_10 Datasheet HTML 10Page - Rohm BD4154FV_10 Datasheet HTML 11Page - Rohm BD4154FV_10 Datasheet HTML 12Page - Rohm BD4154FV_10 Datasheet HTML 13Page - Rohm BD4154FV_10 Datasheet HTML 14Page - Rohm BD4154FV_10 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BD4154FV
Technical Note
11/15
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Application Circuit (Circuit for ExpressCard
TM Compliance Checklist)
Heat loss
Thermal design should allow the device to operate within the following conditions. Note that the temperatures listed are the
allowed temperature limits. Thermal design should allow sufficient margin from these limits.
1. Ambient temperature Ta can be no higher than 100°C.
2. Chip junction temperature Tj can be no higher more than 150°C.
Chip junction temperature Tj can be determined as follows:
Chip junction temperature Tj is calculated from IC surface temperature TC under actual application conditions:
Tj=TC+θj-cxW
Reference value>
θj-c:SSOP-B20
35/W
Chip junction temperature Tj is calculated from ambient temperature Ta:
Tj=TC+θj-axW
Reference value>
θ
j-a:SSOP-B20
250℃/W
(IC only)
153.8℃/W Single-layer substrate
(substrate surface copper foil area: less than 3%)
Most of heat loss in the BD4154FV occurs at the output switch. The power lost is determined by multiplying the
on-resistance by the square of output current of each switch.
CPPE#(12pin)
CPUSB#(11pin)
V3(6,7pin)
V3AUX(17pin)
V15(13,14pin)
PERST#(8pin)
RCLKEN(19pin)
V3_IN(4,5pin)
V3AUX_IN(18pin)
V15_IN(15,16pin)
PERST_IN#(1pin)
EN(2pin)
SYSR(3pin)
CPPE#(1)
CPUSB#(2)
3.3V(3)
3.3Vaux(4)
1.5V(5)
PERST#(6)
3.3V(7)
3.3Vaux(8)
1.5V(9)
SysReset#(10)
BD4154FV
GND(10pin)


同様の部品番号 - BD4154FV_10

メーカー部品番号データシート部品情報
logo
Rohm
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
More results

同様の説明 - BD4154FV_10

メーカー部品番号データシート部品情報
logo
Rohm
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com