データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD4154FV データシート(PDF) 2 Page - Rohm

部品番号 BD4154FV
部品情報  Power Switch IC for ExpressCard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD4154FV データシート(HTML) 2 Page - Rohm

  BD4154FV Datasheet HTML 1Page - Rohm BD4154FV Datasheet HTML 2Page - Rohm BD4154FV Datasheet HTML 3Page - Rohm BD4154FV Datasheet HTML 4Page - Rohm BD4154FV Datasheet HTML 5Page - Rohm BD4154FV Datasheet HTML 6Page - Rohm BD4154FV Datasheet HTML 7Page - Rohm BD4154FV Datasheet HTML 8Page - Rohm BD4154FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BD4154FV
Technical Note
2/15
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Input Voltage
V3AUX_IN, V3_IN, V15_IN
-0.3~5.0
*1
V
Logic Input Voltage 1
EN,CPPE#,CPUSB#,SYSR,
PERST_IN#,RCLKEN
-0.3~V3AUX_IN+0.3
*1
V
Logic Output Voltage 1
RCLKEN
-0.3~V3AUX_IN+0.3
*1
V
Logic Output Voltage 2
PERST#
-0.3~V3AUX_IN+0.3
V
Output Voltage
V3AUX,V3, V15
-0.3~5.0 *
1
V
Output Current 1
IOV3AUX
1.0
A
Output Current 2
IOV3
2.0
A
Output Current 3
IOV15
2.0
A
Power Dissipation 1
Pd1
500.0
*2
mW
Power Dissipation 2
Pd2
812.5
*3
mW
Operating Temperature Range
Topr
-40~+100
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
*1 Not to exceed Pd.
*2 Reduced by 4.0mW for each increase in Ta of 1℃ over 25℃
*3 Reduced by 6.5mW for each increase in Ta of 1℃ over 25℃(When mounted on a board 70mmx70mmx1.6mm Glass-epoxy PCB)
Operating Conditions (Ta=25℃)
Parameter
Symbol
MIN
MAX
Unit
Input Voltage 1
V3AUX_IN
3.0
3.6
V
Input Voltage 2
V3_IN
3.0
3.6
V
Input Voltage 3
V15_IN
1.35
1.65
V
Logic Input Voltage 1
EN
-0.3
3.6
V
Logic Input Voltage 2
CPPE#,CPUSB#,SYSR,
PERST_IN#,RCLKEN
0
V3AUX_IN
V
Logic Output Voltage 1
RCLKEN
0
V3AUX_IN
V
Logic Output Voltage 2
PERST#
0
V3AUX_IN
V
Output Current 1
IOV3AUX
0
275
mA
Output Current 2
IOV3
0
1.3
A
Output Current 3
IOV15
0
650
mA
* This product is not designed to offer protection against radioactive rays.


同様の部品番号 - BD4154FV

メーカー部品番号データシート部品情報
logo
Rohm
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
More results

同様の説明 - BD4154FV

メーカー部品番号データシート部品情報
logo
Rohm
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com