データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD4216NUV データシート(PDF) 2 Page - Rohm

部品番号 BD4216NUV
部品情報  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD4216NUV データシート(HTML) 2 Page - Rohm

  BD4216NUV_11 Datasheet HTML 1Page - Rohm BD4216NUV_11 Datasheet HTML 2Page - Rohm BD4216NUV_11 Datasheet HTML 3Page - Rohm BD4216NUV_11 Datasheet HTML 4Page - Rohm BD4216NUV_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
○Electrical characteristics (Ta=25°C,VCC=START=3.3 V, VBAT=3.6V, ADJ=1.0V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
[Overall device]
VCC circuit current
IVCC
35
60
mA
Output during ON time
Circui current during standby operation
ISTB
1
uA
START=0V
[Standby control START pin]
START pin high voltage
VSTH
2.0
V
START pin low voltage
VSTL
0.4
V
Input bias current
ISTART
24
40
uA
START=3.3V
[Transformer primary-side driver block]
PVC pin leak current
IPVCL
1
uA
PVC=36V
PVC pin peak current 1
IPEAK1
0.35
0.6
0.85
A
ADJ=0V
PVC pin peak current 2
IPEAK2
1.0
1.1
1.2
A
ADJ=1V
PVC pin peak current 3
IPEAK3
1.95
2.05
2.15
A
ADJ=3V
PVC satulation voltage
VSAT
0.3
1
V
ISW=0.5A
[Charging control block]
ADJ sink current
IADJ
2.5
10
uA
Off time
TOFFMAX
10
30
uS
[Transformer secondary-side detection block]
Full charge detection voltage
VFULLTH
29.7
30
30.3
V
FULL pin ON resistor
RFULLL
110
300
Ω
FULL=0.5V
FULL pin leak current
IFULLH
1
uA
FULL=3.3V
[Protection circuit block]
UVLO detect voltage
VUVLOTH
2.25
V
VCC detection
[IGBT driver block]
Output short high current
Ioso
70
140
mA
IGBT_IN=3.3V,
IGBT_OUT=0V
Output short low current
Iosi
30
60
mA
IGBT_IN=0V,
IGBT_OUT=3.3V
IGBT_IN input high voltage range
VIGBTH
2.0
V
IGBT_IN input high voltage range
VIGBTL
0.4
V
IGBT_IN sink current
IIGBT_IN
24
40
uA
IGBT_IN=3.3V
○Package (UNIT:mm)
BD4
216
Lot No.


同様の部品番号 - BD4216NUV_11

メーカー部品番号データシート部品情報
logo
Rohm
BD4216NUV ROHM-BD4216NUV Datasheet
173Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

同様の説明 - BD4216NUV_11

メーカー部品番号データシート部品情報
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com