データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4448X データシート(PDF) 1 Page - Micro Commercial Components

部品番号 1N4448X
部品情報  150mW Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4448X データシート(HTML) 1 Page - Micro Commercial Components

  1N4448X_11 Datasheet HTML 1Page - Micro Commercial Components 1N4448X_11 Datasheet HTML 2Page - Micro Commercial Components 1N4448X_11 Datasheet HTML 3Page - Micro Commercial Components 1N4448X_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4448X
150mW
Switching Diodes
Features
Fast Switching Speed
For General Purpose Switching Applications
Surface Mount Package Ideally Suited for Automatic Insertion
Marking Code: T5
Maxim um Ratings
Symbol
Rating
Rating
Unit
VRM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
75
V
IFM
Forward Continuous Current
500
mA
Io
Average Rectified Output Current
250
mA
IFSM
Peak Forward Surge Current @1.0
­s
@1.0s
4.0
2.0
A
R©JA
Thermal Resistance Junction to Ambient
625
/W
PD
Power dissipation
150
mW
TJ ,TSTG
Operating and Storage Junction
Temperature
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Test Conditions
V(BR)
Reverse Breakdown
Voltage
75V
---
IR=10
­A
IR
Reverse Voltage Leakage
Current
---
2.5
­A
25nA
VR=75V
VR=20V
VF
Forward Voltage
0.62V
---
---
---
V
IF=5mA
IF=10mA
IF=100mA
IF=150mA
CT
Total Capacitance
---
4.0pF
VR=0V, f=1MHZ
trr
Reverse Recovery Time
---
4.0ns
IR=IF=10mA, RL=100
¡, Rec. to 1.0mA
www.mccsemi.com
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
0.855
1.0V
1.25V
0.72V
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.006
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.77
SOD523
A
B
E
C
H
G
D
F
TM
Micro Commercial Components
Epoxy meets UL 94 V-0 flammability rating
1 of 4
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Moisture Sensitivity Level 1


同様の部品番号 - 1N4448X_11

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
   150mW Switching Diodes
More results

同様の説明 - 1N4448X_11

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
   150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
   150mW Switching Diodes
MMBD4448V MCC-MMBD4448V Datasheet
197Kb / 3P
   150mW Switching Diodes
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
   150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT_13 Datasheet
220Kb / 3P
   150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
   150mW Switching Diodes
1SS193-13 MCC-1SS193-13 Datasheet
552Kb / 3P
   150mW Switching Diodes
1SS196 MCC-1SS196_13 Datasheet
565Kb / 3P
   150mW Switching Diodes
BAS16V MCC-BAS16V_13 Datasheet
325Kb / 3P
   150mW Switching Diodes
1SS196 MCC-1SS196 Datasheet
528Kb / 3P
   150mW Switching Diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com