データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4734 データシート(PDF) 2 Page - Micro Commercial Components

部品番号 1N4734
部品情報  1.0 Watt Zener Diode 3.3 to 75 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4734 データシート(HTML) 2 Page - Micro Commercial Components

  1N4734 Datasheet HTML 1Page - Micro Commercial Components 1N4734 Datasheet HTML 2Page - Micro Commercial Components 1N4734 Datasheet HTML 3Page - Micro Commercial Components 1N4734 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note 1: The JEDEC type number shown with an A suffix have a 5% tolerance on nominal zener voltage. No
suffix signifies a 10% tolerance, C signifies 2%.
2: The Zener impedance is derived from the 60 Hz ac voltage, which results when an ac current having an
rms value equal to 10% of the DC Zener current(IZT or IZK) is superimposed on IZT or IZK. Zener
impedance is measured at two points to insure a sharp knee on the breakdown curve and eliminate
unstable units.
3: The reverse surge current is measured at 25
oC ambient using a 1/2 square wave or equivalent sine
wave pulse 1/120 second duration superimposed on I ZT.
4: Voltage measurements tobe performed 90 seconds after application of DC current.
MCC
5: RoHs Compliant already and Pb-free sticker on reel , box & carton indicated RoHs compliant .
MCC
Zener
Test
Surge
Maximum
Part Number
Voltage
Current
Current
Regulator
Current
VZ @IZT
IZT
ZZT @IZT ZZK @IZK
IZK
IR @VR
VR
IR
IZM
Volts
mA
OHMS
OHMS
mA
uA
Volts
mA
mA
1N4728
3.3
76
10
400
1
100
1
1380
276
1N4729
3.6
69
10
400
1
100
1
1260
252
1N4730
3.9
64
9
400
1
50
1
1190
234
1N4731
4.3
58
9
400
1
10
1
1070
217
1N4732
4.7
53
8
500
1
10
1
970
193
1N4733
5.1
49
7
550
1
10
1
890
178
1N4734
5.6
45
5
600
1
10
2
810
162
1N4735
6.2
41
2
700
1
10
3
730
146
1N4736
6.8
37
3.5
700
1
10
4
660
133
1N4737
7.5
34
4
700
0.5
10
5
605
121
1N4738
8.2
31
4.5
700
0.5
10
6
550
110
1N4739
9.1
28
5
700
0.5
10
7
500
100
1N4740
10
25
7
700
0.25
10
7.6
454
91
1N4741
11
23
8
700
0.25
5
8.4
414
83
1N4742
12
21
9
700
0.25
5
9.1
380
76
1N4743
13
19
10
700
0.25
5
9.9
344
69
1N4744
15
17
14
700
0.25
5
11.4
304
61
1N4745
16
15.5
16
700
0.25
5
12.2
285
57
1N4746
18
14
20
750
0.25
5
13.7
250
50
1N4747
20
12.5
22
750
0.25
5
15.2
225
45
1N4748
22
11.5
23
750
0.25
5
16.7
205
41
1N4749
24
10.5
25
750
0.25
5
18.2
190
38
1N4750
27
9.5
35
750
0.25
5
20.6
170
34
1N4751
30
8.5
40
1000
0.25
5
22.8
150
30
1N4752
33
7.5
45
1000
0.25
5
25.1
135
27
1N4753
36
7
50
1000
0.25
5
27.4
125
25
1N4754
39
6.5
60
1000
0.25
5
29.7
115
23
1N4755
43
6
70
1500
0.25
5
32.7
110
22
1N4756
47
5.5
80
1500
0.25
5
35.8
95
19
1N4757
51
5
95
1500
0.25
5
38.8
90
18
1N4758
56
4.5
110
2000
0.25
5
42.6
80
16
1N4759
62
4
125
2000
0.25
5
47.1
70
14
1N4760
68
3.7
150
2000
0.25
5
51.7
65
13
1N4761
75
3.3
175
2000
0.25
5
56
60
12
Leakage Current
Maximum Reverse
Maximum Dynamic Impedance
Electrical Characteristics (TA = 25°C unless otherwise noted). Maximum VF = 1.2V at IF = 200mA
1N4728 thru 1N476
1
www.mccsemi.com
2 of 4
TM
Micro Commercial Components
MCC
Revision:
A
20
11/01/01


同様の部品番号 - 1N4734

メーカー部品番号データシート部品情報
logo
Surge Components
1N4734 SURGE-1N4734 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4734 JINANJINGHENG-1N4734 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
1N4734 DGNJDZ-1N4734 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4734 SEMTECH-1N4734 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Silicon Standard Corp.
1N4734 SSC-1N4734 Datasheet
173Kb / 3P
   Zener Diodes
More results

同様の説明 - 1N4734

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N3821A MCC-1N3821A Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
1N4728 MCC-1N4728 Datasheet
127Kb / 3P
   1.0 Watt Zener Diode 3.3 to 100 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
1N3821A MCC-1N3821A_12 Datasheet
248Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_11 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N4729AW MCC-1N4729AW Datasheet
332Kb / 4P
   1.0 Watt Zener Diode 3.6 to 75 Volts
SMAJ4728A MCC-SMAJ4728A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com