データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD37531FV_1003 データシート(PDF) 5 Page - Rohm

部品番号 BD37531FV_1003
部品情報  Sound Processors with Built-in 3-band Equalizer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD37531FV_1003 データシート(HTML) 5 Page - Rohm

  BD37531FV_1003 Datasheet HTML 1Page - Rohm BD37531FV_1003 Datasheet HTML 2Page - Rohm BD37531FV_1003 Datasheet HTML 3Page - Rohm BD37531FV_1003 Datasheet HTML 4Page - Rohm BD37531FV_1003 Datasheet HTML 5Page - Rohm BD37531FV_1003 Datasheet HTML 6Page - Rohm BD37531FV_1003 Datasheet HTML 7Page - Rohm BD37531FV_1003 Datasheet HTML 8Page - Rohm BD37531FV_1003 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Technical Note
5/37
BD37531FV,BD37532FV,BD37533FV,BD37534FV
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Item
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
Maximum boost gain
GB BST
18
20
22
dB
Gain=+20dB f=100Hz
VIN=100mVrms
GB=20log (VOUT/VIN)
Maximum cut gain
GB CUT
-22
-20
-18
dB
Gain=-20dB f=100Hz
VIN=2Vrms
GB=20log (VOUT/VIN)
Gain set error
GB ERR
-2
0
2
dB
Gain=-20~+20dB f=100Hz
Maximum boost gain
GM BST
18
20
22
dB
Gain=+20dB f=1kHz
VIN=100mVrms
GM=20log (VOUT/VIN)
Maximum cut gain
GM CUT
-22
-20
-18
dB
Gain=-20dB f=1kHz
VIN=2Vrms
GM=20log (VOUT/VIN)
Gain set error
GM ERR
-2
0
2
dB
Gain=-20~+20dB f=1kHz
Maximum boost gain
GT BST
17
20
23
dB
Gain=+20dB f=10kHz
VIN=100mVrms
GT=20log (VOUT/VIN)
Maximum cut gain
GT CUT
-23
-20
-17
dB
Gain=-20dB f=10kHz
VIN=2Vrms
GT=20log (VOUT/VIN)
Gain set error
GT ERR
-2
0
2
dB
Gain=-20~+20dB f=10kHz
Input impedance
RIN_M
19
27
35
k
Maximum input voltage
VIM_M
2.0
2.2
Vrms
VIM at THD+N(VOUT)=1%
BW=400-30KHz
Maximum attenuation
GMX MIN
-100
-85
dB
MIX=OFF
GMX=20log(VOUT/VIN)
BW=INF-A
Maximum gain
GMX MAX
5
7
9
dB
ATT=+6dB
GMX=20log(VOUT/VIN)
Maximum boost gain
(BD37532FV,BD37533FV,BD37534FV)
GF BST
13
15
17
dB
Fader=15dB
VIN=100mVrms
GF=20log(VOUT/VIN)
Maximum attenuation*
GF MIN
-100
-90
dB
Fader = -
∞dB
GF=20log(VOUT/VIN)
BW = IHF-A
Gain set error
(BD37532FV,BD37533FV,BD37534FV)
GF ERR
-2
0
2
dB
Gain=+1~+15dB
Attenuation set error 1
GF ERR1
-2
0
2
dB
ATT=-1~-15dB
Attenuation set error 2
GF ERR2
-3
0
3
dB
ATT=-16~-47dB
Attenuation set error 3
GF ERR3
-4
0
4
dB
ATT=-48~-79dB
Output impedance
ROUT
-
50
VIN=100mVrms
Maximum output voltage
VOM
2
2.2
Vrms
THD+N=1%
BW=400-30KHz
Maximum gain
GL MAX
17
20
23
dB
Gain 20dB
VIN=100mVrms
GL=20log(VOUT/VIN)
Gain set error
GL ERR
-2
0
2
dB
GAIN=+20~+1dB
Maximum output voltage
VL MAX
2.8
3.1
3.5
V
Output offset voltage
VL OFF
-
0
100
mV
VP-9690A(Average value detection, effective value display) filter by Matsushita Communication is used for * measurement.
Phase between input / output is same.


同様の部品番号 - BD37531FV_1003

メーカー部品番号データシート部品情報
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
More results

同様の説明 - BD37531FV_1003

メーカー部品番号データシート部品情報
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com