データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD37524FS-E2 データシート(PDF) 8 Page - Rohm

部品番号 BD37524FS-E2
部品情報  Sound Processor with Built-in 3-band Equalizer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD37524FS-E2 データシート(HTML) 8 Page - Rohm

Back Button BD37524FS-E2 Datasheet HTML 4Page - Rohm BD37524FS-E2 Datasheet HTML 5Page - Rohm BD37524FS-E2 Datasheet HTML 6Page - Rohm BD37524FS-E2 Datasheet HTML 7Page - Rohm BD37524FS-E2 Datasheet HTML 8Page - Rohm BD37524FS-E2 Datasheet HTML 9Page - Rohm BD37524FS-E2 Datasheet HTML 10Page - Rohm BD37524FS-E2 Datasheet HTML 11Page - Rohm BD37524FS-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Technical Note
8/25
BD37524FS
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Timming Chart
CONTROL SIGNAL SPECIFICATION
(1) Electrical specifications and timing for bus lines and I/O stages
Fig.23 Definition of timing on the I2C-bus
Table 1 Characteristics of the SDA and SCL bus lines for I
2C-bus devices
(Unless specified particularly, Ta=25℃, VCC=8.5V)
Parameter
Symbol
Fast-mode I2C-bus
Unit
Min.
Max.
1
SCL clock frequency
fSCL
0
400
kHz
2
Bus free time between a STOP and START condition
tBUF
1.3
μS
3
Hold time (repeated) START condition. After this period, the first
clock pulse is generated
tHD;STA
0.6
μS
4
LOW period of the SCL clock
tLOW
1.3
μS
5
HIGH period of the SCL clock
tHIGH
0.6
μS
6
Set-up time for a repeated START condition
tSU;STA
0.6
μS
7
Data hold time:
tHD;DAT
0.06*
μS
8
Data set-up time
tSU;DAT
120
ns
9
Set-up time for STOP condition
tSU;STO
0.6
μS
All values referred to VIH min. and VIL max. Levels (see Table 2).
* A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH min. of the SCL
signal) in order to bridge the undefined region of the falling edge of SCL.
About 7(tHD;DAT), 8(tSU;DAT), make it the setup which a margin is fully in .
SDA
S
SCL
tLOW
tR
tHD;DAT
P
tHD;STA
tHIGH
tBUF
tF
tSU;DAT
tSU;STA
tSU;STO
tSP
tHD;STA
Sr
P


同様の部品番号 - BD37524FS-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD37524FS-E2 ROHM-BD37524FS-E2 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results

同様の説明 - BD37524FS-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com