データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD37534FV データシート(PDF) 7 Page - Rohm

部品番号 BD37534FV
部品情報  Sound Processors with Built-in 3-band Equalizer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD37534FV データシート(HTML) 7 Page - Rohm

Back Button BD37534FV Datasheet HTML 3Page - Rohm BD37534FV Datasheet HTML 4Page - Rohm BD37534FV Datasheet HTML 5Page - Rohm BD37534FV Datasheet HTML 6Page - Rohm BD37534FV Datasheet HTML 7Page - Rohm BD37534FV Datasheet HTML 8Page - Rohm BD37534FV Datasheet HTML 9Page - Rohm BD37534FV Datasheet HTML 10Page - Rohm BD37534FV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Technical Note
7/37
BD37531FV,BD37532FV,BD37533FV,BD37534FV
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
1
10
100
1000
-80 -70 -60 -50 -40 -30 -20 -10 0
10 20
Volume Gain[dB]
Din-Audio
IHF-A
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
Frequency(Hz)
0
0.5
1
1.5
2
2.5
3
3.5
00.5
11.5
22.5
3
1
10
100
1000
-20 -15 -10 -5
0
5
10 15 20
Treble Gain [dB]
DIN-Audio
IHF-A
1
10
100
1000
-20 -15 -10 -5
0
5
10 15 20
Bass Gain [dB]
DIN-Audio
IHF-A
1
10
100
1000
-20 -15 -10 -5
0
5
10 15 20
Middle Gain [dB]
DIN-Audio
IHF-A
Vin [Vrms]
0.0
0.5
1.0
1.5
2.0
2.5
100
1000
10000
100000
出力負荷[ohm]
Frequency [Hz]
Fig.16 Treble Gain vs Noise
Fig.20 Advanced Switch 2
Fig.21 Level Meter Vin vs Vo
Fig.13 Volume Gain vs Noise
Fig.15 Middle Gain vs Noise
Fig.18 Rload vs Vo
Fig.14 Bass Gain vs Noise
Fig.17 CMRR vs Freq
Fig.21 : Level Meter function is available only BD37534FV
Fig.19 Advanced Switch 1
Rload [ohm]


同様の部品番号 - BD37534FV

メーカー部品番号データシート部品情報
logo
Rohm
BD37534FV ROHM-BD37534FV Datasheet
125Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37534FV ROHM-BD37534FV Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV-E2 ROHM-BD37534FV-E2 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
More results

同様の説明 - BD37534FV

メーカー部品番号データシート部品情報
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com