データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H05-1A83 データシート(PDF) 1 Page - Meder Electronic

部品番号 H05-1A83
部品情報  H Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEDER [Meder Electronic]
ホームページ  http://www.meder.com
Logo MEDER - Meder Electronic

H05-1A83 データシート(HTML) 1 Page - Meder Electronic

  H05-1A83 Datasheet HTML 1Page - Meder Electronic H05-1A83 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H05-1A83
Item:
Preliminary Datasheet
| Email: salesasia@meder.com
1905183110
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Coil voltage
Rated power
Coil current
= operating temperature + self heating
Thermal resistance
Inductance
Pull-In voltage
Drop-Out voltage
Contact data 83
Conditions
Min
Typ
Max
Unit
!"#$%!%#!#&'
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Carry current
()*+%,#-*%-
Start Value
Contact resistance static
.
RH <45 %, 100 V test voltage
Insulation resistance
/
according to IEC 255-5
Breakdown voltage
)
measured with 40% overdrive
Operate time incl. bounce
)
measured with no coil excitation
Release time
0
@ 10 kHz across open switch
Capacitance
Special Product Data
Conditions
Min
Typ
Max
Unit
1
Number of contacts
A - NO
Contact - form
/
according to IEC 255-5
Dielectric Strength Coil/Contact
.
RH <45%, 100 VDC test voltage
Insulation resistance Coil/Contact
0
@ 10 kHz
Capacity Coil/Contact
nature
Case colour
Crastin,SK 645FR,rated 94V-0,140°C,E.I. Dupont
Housing material
FeNi-alloy tin plated
Connection pins
no
Magnetic Shield
yes
Reach / RoHS conformity
Modifications in the sense of technical progress are reserved
28.05.08
ALICHTENSTEIN
SERVICES_EUROPE
03
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
11.11.09
KOLBRICH
Approval by:
Approval by:
02.06.08
Approval at:
Approval at:


同様の部品番号 - H05-1A83

メーカー部品番号データシート部品情報
logo
Meder Electronic
H05-1A83_DE MEDER-H05-1A83_DE Datasheet
100Kb / 2P
   (deutsch) H Reed Relay
More results

同様の説明 - H05-1A83

メーカー部品番号データシート部品情報
logo
Meder Electronic
H05-1B69 MEDER-H05-1B69 Datasheet
104Kb / 2P
   H Reed Relay
H05-1A69 MEDER-H05-1A69 Datasheet
102Kb / 2P
   H Reed Relay
H12-1A69-BV080 MEDER-H12-1A69-BV080 Datasheet
178Kb / 2P
   H Reed Relay
H12-1B69 MEDER-H12-1B69 Datasheet
170Kb / 2P
   H Reed Relay
H24-1A83 MEDER-H24-1A83_10 Datasheet
163Kb / 2P
   H Reed Relay
H12-1A83 MEDER-H12-1A83 Datasheet
170Kb / 2P
   H Reed Relay
H05-1B83 MEDER-H05-1B83 Datasheet
154Kb / 2P
   H Reed Relay
H12-1A69 MEDER-H12-1A69 Datasheet
172Kb / 2P
   H Reed Relay
H24-1B83 MEDER-H24-1B83 Datasheet
147Kb / 2P
   H Reed Relay
H12-1B83 MEDER-H12-1B83 Datasheet
174Kb / 2P
   H Reed Relay
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com