データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU33TA2WNVX データシート(PDF) 2 Page - Rohm

部品番号 BU33TA2WNVX
部品情報  1ch 200mA CMOS LDO Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU33TA2WNVX データシート(HTML) 2 Page - Rohm

  BU33TA2WNVX Datasheet HTML 1Page - Rohm BU33TA2WNVX Datasheet HTML 2Page - Rohm BU33TA2WNVX Datasheet HTML 3Page - Rohm BU33TA2WNVX Datasheet HTML 4Page - Rohm BU33TA2WNVX Datasheet HTML 5Page - Rohm BU33TA2WNVX Datasheet HTML 6Page - Rohm BU33TA2WNVX Datasheet HTML 7Page - Rohm BU33TA2WNVX Datasheet HTML 8Page - Rohm BU33TA2WNVX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Technical Note
2/29
BUTA2WNVX series, BUTA2WHFV series
www.rohm.com
2011.01 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute maximum rating
Parameter
Symbol
Ratings
Unit
Maximum applied power voltage VMAX
-0.3 ~ +6.5
V
Power dissipation
Pd1
220*
1 (SSON004X1216)
mW
Pd2
410*
2 (HVSOF5)
Maximum junction temperature
TjMAX
+125
Operational temperature range
Topr
-40 ~ +85
Storage temperature range
Tstg
-55 ~ +125
*1
When 1 PCB (70 mm
 70 mm, thickness 1.6-mm glass epoxy) a standard ROHM board is implemented.
Reduced to 2.2 mW/
C when used at Ta=25C or higher.
*2
When 1 PCB (70 mm
 70 mm, thickness 1.6-mm glass epoxy) a standard ROHM board is implemented.
Reduced to 4.1 mW/
C when used at Ta=25C or higher.
Recommended operating range (Do not exceed Pd.)
Parameter
Symbol
Ratings
Unit
Input power supply voltage
VIN
2.5 ~ 5.5
V
Maximum output current
IMAX
200
mA
Recommended operating conditions
Parameter
Symbol
Ratings
Unit
Conditions
Min.
Typ.
Max.
Input capacitor
CIN
0.5*
3
1.0
μF
A ceramic capacitor is
recommended.
Output capacitor
CO
0.5*
3
1.0
μF
A ceramic capacitor is
recommended.
*3
Set the capacity value of the capacitor so that it does not fall below the minimum value, taking temperature characteristics,
DC device characteristics, and change with time into consideration.


同様の部品番号 - BU33TA2WNVX

メーカー部品番号データシート部品情報
logo
Rohm
BU33TA2WNVX-TR ROHM-BU33TA2WNVX-TR Datasheet
1Mb / 28P
   High-speed Load Response FULL CMOS LDO Regulators
More results

同様の説明 - BU33TA2WNVX

メーカー部品番号データシート部品情報
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com